Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP460 Datasheet (PDF) - Intersil Corporation

IRFP460 Datasheet PDF - Intersil Corporation
Part # IRFP460
Download  IRFP460 Download
File Size   55.75 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 500V, 0.270 Ohm, N-Channel Power MOSFET

IRFP460 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP460 Datasheet PDF - Intersil Corporation

Part # IRFP460
Download  IRFP460 Click to download

File Size   55.75 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 500V, 0.270 Ohm, N-Channel Power MOSFET

IRFP460 Datasheet (HTML) - Intersil Corporation


IRFP460 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA17465.

Features
• 20A, 500V
• rDS(ON) = 0.270Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRFP460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFP460 PHILIPS-IRFP460 Datasheet
94Kb / 7P
PowerMOS transistors Avalanche energy rated
September 1999 Rev 1.000
logo
STMicroelectronics
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
logo
International Rectifier
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
logo
IXYS Corporation
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
MegaMOS - Power MOSFET
logo
Vishay Siliconix
IRFP460 VISHAY-IRFP460 Datasheet
135Kb / 8P
Power MOSFET
28-Jul-08
More results


Similar Description - IRFP460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFR120 INTERSIL-IRFR120 Datasheet
56Kb / 7P
8.4A, 100V, 0.270 Ohm, N-Channel Power MOSFETs
July 1999
logo
Unisonic Technologies
20N50 UTC-20N50 Datasheet
142Kb / 4P
20A, 500V N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
20N50B THINKISEMI-20N50B Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
IRFP460PBF THINKISEMI-IRFP460PBF Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
W20NB50 THINKISEMI-W20NB50 Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
logo
PFC Device Inc.
PSM20N50CT PFC-PSM20N50CT Datasheet
943Kb / 8P
20A 500V Single N-Channel Power MOSFET
logo
Silan Microelectronics ...
SVF20N50F SILAN-SVF20N50F Datasheet
658Kb / 8P
20A, 500V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
20N50 WXDH-20N50 Datasheet
1Mb / 11P
20A 500V N-channel Enhancement Mode Power MOSFET
20N50D WXDH-20N50D Datasheet
1Mb / 10P
20A 500V N-channel Enhancement Mode Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com