Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR0116C Datasheet (PDF) - Solid States Devices, Inc

TR0116C Datasheet PDF - Solid States Devices, Inc
Part # TR0116C
Download  TR0116C Download
File Size   176.13 Kbytes
Page   3 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 800 mA 75 Volts NPN High Speed Transistor

TR0116C Datasheet (PDF)

Go To PDF Page Download Datasheet
TR0116C Datasheet PDF - Solid States Devices, Inc

Part # TR0116C
Download  TR0116C Click to download

File Size   176.13 Kbytes
Page   3 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 800 mA 75 Volts NPN High Speed Transistor

TR0116C Datasheet (HTML) - Solid States Devices, Inc




Similar Part No. - TR0116C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0116AA0090 TAI-SAW-TR0116AA0090 Datasheet
597Kb / 8P
Dielectric Filter 7987.2MHz BW 500MHz Size 8.7x3.5mm
REV. NO.:1.0
More results


Similar Description - TR0116C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5659 ETC-2N5659 Datasheet
272Kb / 6P
HIGH SPEED NPN TRANSISTOR 120 VOLTS
logo
Solid States Devices, I...
SFT2222A2 SSDI-SFT2222A2 Datasheet
43Kb / 2P
Dual Microminiature Package 800 mA 75 Volts Dual NPN Transistor
SFT3904A2 SSDI-SFT3904A2 Datasheet
184Kb / 3P
Dual Microminiature Package 800 mA 75 Volts Dual NPN Transistor
SFT390604A2 SSDI-SFT390604A2 Datasheet
159Kb / 2P
Dual Microminiature Package 800 mA 75 Volts NPN/PNP Transistor
SFT3906A2 SSDI-SFT3906A2 Datasheet
34Kb / 2P
Dual Microminiature Package 800 mA 75 Volts Dual PNP Transistor
2N5013 SSDI-2N5013 Datasheet
74Kb / 2P
0.5 AMP 800 - 1000 Volts NPN Transistor
SFT5013-4 SSDI-SFT5013-4 Datasheet
30Kb / 2P
0.5 AMP 800 - 1000 VOLTS NPN TRANSISTOR
SFT700D-28Q SSDI-SFT700D-28Q Datasheet
228Kb / 2P
DUAL 800 mA 75 V-NPN DUAL 600 mA 60 V-PNP TRANSISTOR
XN0031J SSDI-XN0031J Datasheet
163Kb / 3P
0.5 AMP, 800 ??900 Volts NPN Transistor
logo
Nexperia B.V. All right...
BCW66 NEXPERIA-BCW66 Datasheet
300Kb / 14P
45 V, 800 mA NPN general-purpose transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com