Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3841 Datasheet (PDF) - fujitsu semiconductor

MB3841 Datasheet PDF - fujitsu semiconductor
Part # MB3841
Download  MB3841 Download
File Size   122.49 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Power Management Switch IC

MB3841 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3841 Datasheet PDF - fujitsu semiconductor

Part # MB3841
Download  MB3841 Click to download

File Size   122.49 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Power Management Switch IC

MB3841 Datasheet (HTML) - fujitsu semiconductor


MB3841 Product details

■ DESCRIPTION
The FUJITSU MB3841 is a one-channel power management switch IC with extremely low on resistance.
The MB3841 is designed for a variety of switching applications, featuring operation from low input voltages (VIN > 2.2 V) and stable on resistance that does not depend on input voltage. The switch current limit can be externally set over a wide range from 100 mA to 2 A. A safety function detects overcurrent conditions, immediately sets the switch to off mode and sends an external notification signal. The MB3841 is therefore ideal for power management switching applications with USB specifications.
In addition, the MB3841 has features that ensure accurate on-off switching by preventing reverse current in off mode, as well as rapid discharge of capacitors connected to output.

■ FEATURES
• Low on resistance switch (typ. 45 mΩ)
• Low input voltage operation (2.2 V to 5.5 V)
• Switch current (max. 2 A)
• UVLO (VTH = 1.9 V)
• External settings for soft start time and switch current limit
• On-chip overheating and overcurrent detection (output off latching)
• On-chip abnormal state detection circuit (O.C. pin)
• On-chip output pin discharge control circuit
• Supply current = 0 µA in standby mode (CONTROL < 0.8 V)
• Reverse current protection function in off mode




Similar Part No. - MB3841

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3842 FUJITSU-MB3842 Datasheet
146Kb / 19P
Power Management 2-ch Switch IC
MB3842PFV FUJITSU-MB3842PFV Datasheet
146Kb / 19P
Power Management 2-ch Switch IC
MB3843 FUJITSU-MB3843 Datasheet
251Kb / 22P
Lithium Ion Battery Charger DC/DC Converter IC (High Precision with Constant-current Function)
MB3843PFV FUJITSU-MB3843PFV Datasheet
251Kb / 22P
Lithium Ion Battery Charger DC/DC Converter IC (High Precision with Constant-current Function)
MB3845 FUJITSU-MB3845 Datasheet
146Kb / 19P
Power Management 2-ch Switch IC
More results


Similar Description - MB3841

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3842 FUJITSU-MB3842 Datasheet
146Kb / 19P
Power Management 2-ch Switch IC
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
Power Management IC
October, 2015 ??Rev. 0
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
Power Management IC
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com