Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3845 Datasheet (PDF) - fujitsu semiconductor

MB3845 Datasheet PDF - fujitsu semiconductor
Part # MB3845
Download  MB3845 Download
File Size   146.8 Kbytes
Page   19 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Power Management 2-ch Switch IC

MB3845 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3845 Datasheet PDF - fujitsu semiconductor

Part # MB3845
Download  MB3845 Click to download

File Size   146.8 Kbytes
Page   19 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Power Management 2-ch Switch IC

MB3845 Datasheet (HTML) - fujitsu semiconductor


MB3845 Product details

■DESCRIPTION

The MB3842/3845 is a power management switch with built-in 2-channel low-on resistance (typ. 100mΩ) switch. Output control is by means of a control signal, and the MB3842 is designed for high-active operation (output on when EN is Hi), while the MB3845 is designed for low-active operation (output on when ENis low.)

To provide adaptability to a variety of operations, the MB3842/3845 features low input voltage (VIN >2.5V)

operation and stable low-on resistance independent of input voltage. The switching current limit can be set from 100mA to 600mA by using external resistance, and when overcurrent conditions are detected the OC output goes low to provide an external notification signal.



■FEATURES

• Low on resistance switch (typ. 100mΩ)

• Low input voltage operation (2.5 V to 5.5 V)

• Switch current (max. 0.6 A)

•UVLO :VIN  threshold  2.3V/2.1 V hysteresis 200 mV

• ENABLE :EN threshold  EN 1.4V/1.6 V for MB3842, EN1/2 VINfor MB3845

                             :Power supply current at output off = 0µA EN < 0.8V for MB3842, EN =VINfor MB3845

• External setting for soft start time and switch current limit.

• Over-temperature detection (switch latched off), over-current detection (not latched)

• OC pin flag set following overcurrent detection, over-temperature detection, or UVLO detection.

• Reverse current prevention at OFF (VIN  ≥1.5 V)

• Either channel may be operated alone.



 




Similar Part No. - MB3845

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
Power Management Switch IC
MB3841PF-G-BND FUJITSU-MB3841PF-G-BND Datasheet
122Kb / 17P
Power Management Switch IC
MB3843 FUJITSU-MB3843 Datasheet
251Kb / 22P
Lithium Ion Battery Charger DC/DC Converter IC (High Precision with Constant-current Function)
MB3843PFV FUJITSU-MB3843PFV Datasheet
251Kb / 22P
Lithium Ion Battery Charger DC/DC Converter IC (High Precision with Constant-current Function)
More results


Similar Description - MB3845

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
Power Management Switch IC
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
Power management switch IC
logo
Richtek Technology Corp...
RT9953 RICHTEK-RT9953 Datasheet
485Kb / 19P
41 CH Power Management IC
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Richtek Technology Corp...
RT9971 RICHTEK-RT9971 Datasheet
459Kb / 22P
7 CH Power Management IC
logo
Lowpower Semiconductor ...
LP6312 POWER-LP6312 Datasheet
1Mb / 12P
Buck 2A, 2-Channel Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com