Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3874 Datasheet (PDF) - fujitsu semiconductor

MB3874 Datasheet PDF - fujitsu semiconductor
Part # MB3874
Download  MB3874 Download
File Size   323.78 Kbytes
Page   28 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description DC/DC Converter IC for Parallel Charging

MB3874 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3874 Datasheet PDF - fujitsu semiconductor

Part # MB3874
Download  MB3874 Click to download

File Size   323.78 Kbytes
Page   28 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description DC/DC Converter IC for Parallel Charging

MB3874 Datasheet (HTML) - fujitsu semiconductor


MB3874 Product details

■ DESCRIPTION

The MB3874 and MB3876 are parallel charging DC/DC converter ICs suitable for down-conversion, which uses pulse width modulation (PWM) for controlling the output voltage and current independently.

These ICs can dynamically control the secondary battery’s charge current by detecting a voltage drop in an AC adapter in order to keep its power constant (dynamically-controlled charging).

The charging method enables quick charging, for example, with the AC adapter during operation of a notebook PC.

The IC also enable parallel charging, or charging two batteries at the same time, dramatically reducing the charging time.

With an on-chip output voltage setting resistor which allows the output voltage to be set at high precision, these ICs are best suited as internal battery chargers for notebook PCs.

The MB3874 support 3-cell battery and the MB3876 support 4-cell battery.



■ FEATURES

• Detecting a voltage drop in the AC adapter and dynamically controlling the charge current (Dynamically-controlled charging)

• High efficiency : 93 %(In reverse-current preventive diode)

• Wide range of operating supply voltages : 7 V to 25 V

• Output voltage precision (Built-in output voltage setting resistor ) : ± 0.8 % (Ta = + 25 °C)

• High precision reference voltage source : 4.2 V ± 0.8 %

• Support for frequency setting using an external resistor (Frequency setting capacitor integrated) :100 kHz to 500 kHz

• Built-in current detector amplifier with wide in-phase input voltage range : 0 V to VCC

• Built-in standby current function : 0 µA (Typ.)

• Built-in soft start function

• Capable of parallel charging (Charging the two battery packs at a time)

• Internal totem-pole output stage supporting P-channel MOS FETs devices



 




Similar Part No. - MB3874

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
Pentium II DC/DC Converter IC
MB3870PFV-G-BND FUJITSU-MB3870PFV-G-BND Datasheet
238Kb / 25P
Pentium II DC/DC Converter IC
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
Mobile Pentium II DC/DC Converter IC
MB3871PFV-G-BND FUJITSU-MB3871PFV-G-BND Datasheet
228Kb / 25P
Mobile Pentium II DC/DC Converter IC
MB3873 FUJITSU-MB3873 Datasheet
210Kb / 22P
Multi-Resonance AC/DC Converter IC
More results


Similar Description - MB3874

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3832A FUJITSU-MB3832A Datasheet
219Kb / 23P
DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875 Datasheet
293Kb / 27P
DC/DC Converter IC for Charging
MB3878 FUJITSU-MB3878 Datasheet
283Kb / 24P
DC/DC Converter IC for Charging
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
DC/DC Converter IC for Charging Li-ion Battery
logo
fujitsu semiconductor
MB3875 FUJITSU-MB3875_03 Datasheet
275Kb / 26P
DC/DC Converter IC for Charging
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
DC/DC Converter IC for Charging Li-ion Battery
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
DC/DC Converter IC for Charging
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com