Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3871 Datasheet (PDF) - fujitsu semiconductor

MB3871 Datasheet PDF - fujitsu semiconductor
Part # MB3871
Download  MB3871 Download
File Size   228.65 Kbytes
Page   25 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Mobile Pentium II DC/DC Converter IC

MB3871 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3871 Datasheet PDF - fujitsu semiconductor

Part # MB3871
Download  MB3871 Click to download

File Size   228.65 Kbytes
Page   25 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Mobile Pentium II DC/DC Converter IC

MB3871 Datasheet (HTML) - fujitsu semiconductor


MB3871 Product details

DESCRIPTION
The FUJITSU MB3871 is a pulse width modulation (PWM) DC/DC converter IC chip that provides a selection of 1.3 V to 2.0 V output voltages for Mobile Pentium® II* CPU’s, using a 4-bit input signal information.
The MB3871 utilizes synchronous rectification for high efficiency and features a soft-start/discharge control function for ease in designing power supplies in multi-supply systems, making it ideal for Mobile Pentium® II power supply systems.
   
FEATURES
• Highly efficient for using synchronous rectification scheme
• On-chip soft-start/discharge control circuit
• High precision output voltage: ±1.2%
• 4-bit, 16-step DAC: 2.0 V to 1.3 V in 50 mV steps
• Frequency range: 100 kHz to 500 kHz using variable resistance
    (on-chip frequency setting capacitance)
• Standby current: 0 µA TYP
• On-chip PWRGOOD circuit for output voltage state detection
• Timer-latch short-circuit protection circuit,
    and overvoltage protection circuit for output protection
   




Similar Part No. - MB3871

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
Pentium II DC/DC Converter IC
MB3870PFV-G-BND FUJITSU-MB3870PFV-G-BND Datasheet
238Kb / 25P
Pentium II DC/DC Converter IC
MB3873 FUJITSU-MB3873 Datasheet
210Kb / 22P
Multi-Resonance AC/DC Converter IC
MB3873PF FUJITSU-MB3873PF Datasheet
210Kb / 22P
Multi-Resonance AC/DC Converter IC
MB3874 FUJITSU-MB3874 Datasheet
323Kb / 28P
DC/DC Converter IC for Parallel Charging
More results


Similar Description - MB3871

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
DC-DC CONVERTER CONTROL IC
logo
fujitsu semiconductor
MB3828 FUJITSU-MB3828 Datasheet
245Kb / 26P
Pentium DC/DC Converter IC
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
Pentium II DC/DC Converter IC
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
PWM DC/DC CONVERTER IC
logo
Fairchild Semiconductor
AN-53 FAIRCHILD-AN-53 Datasheet
143Kb / 20P
Implementing an RC5051 DC-DC Converter on Pentium II Motherboards
logo
List of Unclassifed Man...
TK11815M ETC-TK11815M Datasheet
11Kb / 1P
DC-DC CONVERTER IC
logo
Sanyo Semicon Device
LV5071M SANYO-LV5071M Datasheet
195Kb / 9P
DC/DC Converter IC
LV5072M SANYO-LV5072M Datasheet
218Kb / 9P
DC/DC Converter IC
logo
Toshiba Semiconductor
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
Buck DC-DC Converter IC
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com