Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-6223-PPC Datasheet (PDF) - Protech Systems Co., Ltd.

PA-6223-PPC Datasheet PDF - Protech Systems Co., Ltd.
Part # PA-6223-PPC
Download  PA-6223-PPC Download
File Size   555.16 Kbytes
Page   2 Pages
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.
Description The 15" Waterproof True Flat Touch PPC

PA-6223-PPC Datasheet (PDF)

Go To PDF Page Download Datasheet
PA-6223-PPC Datasheet PDF - Protech Systems Co., Ltd.

Part # PA-6223-PPC
Download  PA-6223-PPC Click to download

File Size   555.16 Kbytes
Page   2 Pages
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.
Description The 15" Waterproof True Flat Touch PPC

PA-6223-PPC Datasheet (HTML) - Protech Systems Co., Ltd.




Similar Part No. - PA-6223-PPC

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PA-6223 PROTECHSYSTEMS-PA-6223 Datasheet
578Kb / 2P
The 15 Waterproof True Flat Touch POS Terminal
More results


Similar Description - PA-6223-PPC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
15" Infrared Touch Panel
14-Jan-10
logo
Protech Systems Co., Lt...
PA-6223 PROTECHSYSTEMS-PA-6223 Datasheet
578Kb / 2P
The 15 Waterproof True Flat Touch POS Terminal
POS-6920 PROTECHSYSTEMS-POS-6920 Datasheet
511Kb / 2P
The Fanless 15" True Flat Touch POS Terminal
POS-6920-PPC PROTECHSYSTEMS-POS-6920-PPC Datasheet
300Kb / 2P
The Fanless 15" True Flat Touch Panel PC
logo
Advantech Co., Ltd.
IDP31-104 ADVANTECH-IDP31-104 Datasheet
6Mb / 2P
100% flat fronted touch and non-touch
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
logo
DFI Inc
IDP150-MS DFI-IDP150-MS Datasheet
151Kb / 2P
15" Industrial Touch Monitor
logo
Schneider Electric
HMIDT732FC SCHNEIDER-HMIDT732FC Datasheet
188Kb / 5P
Flat screen, Harmony GTU, 15 Touch Smart Display XGA, coated display
Sep 20, 2021
HMIDT752 SCHNEIDER-HMIDT752 Datasheet
242Kb / 6P
Flat screen, Harmony GTU, 15 W Touch Smart Display FWXGA
Apr 27, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com