Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POS-6920-PPC Datasheet (PDF) - Protech Systems Co., Ltd.

POS-6920-PPC Datasheet PDF - Protech Systems Co., Ltd.
Part # POS-6920-PPC
Download  POS-6920-PPC Download
File Size   300.53 Kbytes
Page   2 Pages
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.
Description The Fanless 15" True Flat Touch Panel PC

POS-6920-PPC Datasheet (PDF)

Go To PDF Page Download Datasheet
POS-6920-PPC Datasheet PDF - Protech Systems Co., Ltd.

Part # POS-6920-PPC
Download  POS-6920-PPC Click to download

File Size   300.53 Kbytes
Page   2 Pages
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.
Description The Fanless 15" True Flat Touch Panel PC

POS-6920-PPC Datasheet (HTML) - Protech Systems Co., Ltd.




Similar Part No. - POS-6920-PPC

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
POS-6920 PROTECHSYSTEMS-POS-6920 Datasheet
511Kb / 2P
The Fanless 15" True Flat Touch POS Terminal
More results


Similar Description - POS-6920-PPC

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PA-6223 PROTECHSYSTEMS-PA-6223 Datasheet
578Kb / 2P
The 15 Waterproof True Flat Touch POS Terminal
PA-6223-PPC PROTECHSYSTEMS-PA-6223-PPC Datasheet
555Kb / 2P
The 15" Waterproof True Flat Touch PPC
POS-6510-MIT PROTECHSYSTEMS-POS-6510-MIT Datasheet
589Kb / 2P
The Fanless Highly The Fanless Highly Panel PC
POS-6510-PPC PROTECHSYSTEMS-POS-6510-PPC Datasheet
581Kb / 2P
The Fanless Highly Integrated & Performance 15 Panel PC
POS-6920 PROTECHSYSTEMS-POS-6920 Datasheet
511Kb / 2P
The Fanless 15" True Flat Touch POS Terminal
SP-6012 PROTECHSYSTEMS-SP-6012 Datasheet
507Kb / 2P
Slim, Fanless and Lower Power with 10.4" / 12.1" / 15" Multi-touch Flat Panel PC
SP-6015 PROTECHSYSTEMS-SP-6015 Datasheet
507Kb / 2P
Slim, Fanless and Lower Power with 10.4" / 12.1" / 15" Multi-touch Flat Panel PC
logo
Beckhoff Automation Gmb...
CP27XX-0000 BECKHOFF-CP27XX-0000 Datasheet
216Kb / 4P
The fanless multi-touch built-in Panel PC
CP27XX-0010 BECKHOFF-CP27XX-0010 Datasheet
224Kb / 5P
The fanless multi-touch built-in Panel PC
CP27XX-0020 BECKHOFF-CP27XX-0020 Datasheet
223Kb / 5P
The fanless multi-touch built-in Panel PC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com