Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS6126 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
HD3SS6126 Datasheet PDF - Texas Instruments
Part # HD3SS6126
Download  HD3SS6126 Download
File Size   817.02 Kbytes
Page   17 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX

HD3SS6126 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS6126 Datasheet PDF - Texas Instruments

Part # HD3SS6126
Download  HD3SS6126 Click to download

File Size   817.02 Kbytes
Page   17 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX

HD3SS6126 Datasheet (HTML) - Texas Instruments




Similar Part No. - HD3SS6126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI2-HD3SS6126 Datasheet
1Mb / 25P
HD3SS6126 USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
REVISED AUGUST 2015
logo
TEXAS ADVANCED OPTOELEC...
HD3SS6126EVM TAOS-HD3SS6126EVM Datasheet
674Kb / 12P
HD3SS6126EVM Device Reference Design
logo
Texas Instruments
HD3SS6126RUAR TI1-HD3SS6126RUAR Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126RUAR TI2-HD3SS6126RUAR Datasheet
1Mb / 25P
HD3SS6126 USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
REVISED AUGUST 2015
More results


Similar Description - HD3SS6126

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
USB 3.0, 4:1 Mux/DeMux Switch
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
logo
Vecow Co., Ltd.
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com