Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C958VPFV Datasheet (PDF) - fujitsu semiconductor

MB40C958VPFV Datasheet PDF - fujitsu semiconductor
Part # MB40C958VPFV
Download  MB40C958VPFV Download
File Size   130.57 Kbytes
Page   13 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 50 MSPS 3ch 8-bit D/A Converter

MB40C958VPFV Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C958VPFV Datasheet PDF - fujitsu semiconductor

Part # MB40C958VPFV
Download  MB40C958VPFV Click to download

File Size   130.57 Kbytes
Page   13 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 50 MSPS 3ch 8-bit D/A Converter

MB40C958VPFV Datasheet (HTML) - fujitsu semiconductor


MB40C958VPFV Product details

■ DESCRIPTION
The MB40C958V is a high-speed CMOS process based D/A converter provided with the three-channel I/O for RGB, allowing for independent control of the three channels.

■ FEATURES
• Resolution : 8 bits
• Linearity error : ±0.5 LSB (max)
• Differential linearity error : ±1.0 LSB (max)
• Maximum conversion rate : 50 MSPS (min)
• Supply voltage : single +5 V
• Digital input voltage range : TTL level
• Analog output voltage range : 2 Vp-p (0 to 2 V)
• Dissipation power : 220 mW (standard: analog output for RL = 200 Ω, 2 Vp-p output)
• Additional capabilities : Reference voltage generator, power saving function, independent 3-ch VREF
• Package : LQFP48




Similar Part No. - MB40C958VPFV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C950V FUJITSU-MB40C950V Datasheet
204Kb / 17P
85 MSPS 3ch 10-bit D/A Converter
MB40C950VPFQ FUJITSU-MB40C950VPFQ Datasheet
204Kb / 17P
85 MSPS 3ch 10-bit D/A Converter
MB40C950VPFV FUJITSU-MB40C950VPFV Datasheet
204Kb / 17P
85 MSPS 3ch 10-bit D/A Converter
More results


Similar Description - MB40C958VPFV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9058 AD-AD9058 Datasheet
148Kb / 8P
Dual 8-Bit 50 MSPS A/D Converter
REV.B
logo
fujitsu semiconductor
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
3ch 8-bit 100 MSPS A/D Converter
MB40C938V FUJITSU-MB40C938V Datasheet
127Kb / 13P
20 MSPS 3ch 8-bit D/A Converter
MB40C950V FUJITSU-MB40C950V Datasheet
204Kb / 17P
85 MSPS 3ch 10-bit D/A Converter
logo
Analog Devices
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
Dual 8-Bit 50 MSPS A/D Converter
23-Feb-2017
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com