Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C950V Datasheet (PDF) - fujitsu semiconductor

MB40C950V Datasheet PDF - fujitsu semiconductor
Part # MB40C950V
Download  MB40C950V Download
File Size   204.42 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 85 MSPS 3ch 10-bit D/A Converter

MB40C950V Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40C950V Datasheet PDF - fujitsu semiconductor

Part # MB40C950V
Download  MB40C950V Click to download

File Size   204.42 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 85 MSPS 3ch 10-bit D/A Converter

MB40C950V Datasheet (HTML) - fujitsu semiconductor


MB40C950V Product details

■ DESCRIPTION
The MB40C950V is a high-speed CMOS process-based D/A converter provided with the three-channel I/O for RGB, allowing for independent control of the three channels.

■ FEATURES
• Resolution : 10 bits
• Linearity error : ±1.5 LSB (max)
• Differential linearity error : ±1.0 LSB (max)
• Maximum conversion rate : 85 MSPS (min)
• Supply voltage : single +5 V
• Digital input voltage range : TTL level
• Analog output voltage range : 2 Vp-p (0 to 2V: analog output for RL = 200 Ω, RREF = 3.3 kΩ, VRIN = 2V)
                                                : 1 Vp-p (0 to 1V: analog output for RL = 75 Ω, RREF = 2.4 kΩ, VRIN = 2V)
• Dissipation power : 240 mW (standard: analog output for RL = 200 Ω, 2 Vp-p output)
                                : 310 mW (standard: analog output for RL = 75 Ω, 1 Vp-p output)
• Additional capabilities : Power saving function, independent 3-ch VREF
• Package : LQFP64, QFP64




Similar Part No. - MB40C950V

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
MB40C958VPFV FUJITSU-MB40C958VPFV Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
More results


Similar Description - MB40C950V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
10-Bit, 170 MSPS D/A Converter
REV.A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV.A
logo
fujitsu semiconductor
MB40C348V FUJITSU-MB40C348V Datasheet
250Kb / 19P
3ch 8-bit 100 MSPS A/D Converter
MB40C938V FUJITSU-MB40C938V Datasheet
127Kb / 13P
20 MSPS 3ch 8-bit D/A Converter
MB40C958V FUJITSU-MB40C958V Datasheet
130Kb / 13P
50 MSPS 3ch 8-bit D/A Converter
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
10-BIT, 40 MSPS A/D CONVERTER
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
10-BIT, 60 MSPS A/D CONVERTER
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com