Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB54501 Datasheet (PDF) - fujitsu semiconductor

MB54501 Datasheet PDF - fujitsu semiconductor
Part # MB54501
Download  MB54501 Download
File Size   85.79 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description FRONT-END LSI

MB54501 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB54501 Datasheet PDF - fujitsu semiconductor

Part # MB54501
Download  MB54501 Click to download

File Size   85.79 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description FRONT-END LSI

MB54501 Datasheet (HTML) - fujitsu semiconductor


MB54501 Product details

■ DESCRIPTION
The Fujitsu MB54501 includes a low-noise amplifier and a mixer, which are used for front end of mobile telecommunication systems.
Using Fujitsu’s advanced technology, MB54501 achieves an Icc of 6.0mA (typ.).

■ FEATURES
                                                        Amplifier             Mixer
• Supply voltage                              3V (typ.)              3V (typ.)
• Current consumption                    3mA (typ.)           3mA (typ.)
• Input frequency                             1.1GHz (max.)    1.1GHz (max.)
• Gain                                              14dB (typ.)*1       15dB (typ.)*2
• Noise figure                                   2.2dB (typ.)*1      5dB (SSB, typ.)*2
• 1dB compression point –1dBm (typ.)*1
• Input return loss 8dB (typ.)*1
• Output return loss 10dB (typ.)*1
    *1: Measured by the circuit of “measurement circuit example”. (fin = 878MHz)
    *2: Measured by the circuit of “measurement circuit example”. (IF = 90MHz)
• 16-pin Plastic Shrink Small Outline Package (Suffix: -PFV)




Similar Part No. - MB54501

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB54502 FUJITSU-MB54502 Datasheet
54Kb / 8P
LOW NOISE AMPLIFIER (2 CIRCUITS)
MB54503 FUJITSU-MB54503 Datasheet
46Kb / 8P
HIGH-POWER AMPLIFIER
More results


Similar Description - MB54501

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
FM FRONT-END
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
FM FRONT END
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
Video Front End
logo
fujitsu semiconductor
MB15G000 FUJITSU-MB15G000 Datasheet
296Kb / 19P
ASTRO-NT (for RF front-end LSI-Based on PLL, Analog Macro)
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com