Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB88141AP Datasheet (PDF) - fujitsu semiconductor

MB88141AP Datasheet PDF - fujitsu semiconductor
Part # MB88141AP
Download  MB88141AP Download
File Size   279.06 Kbytes
Page   22 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (Compatible with I2C Bus)

MB88141AP Datasheet (PDF)

Go To PDF Page Download Datasheet
MB88141AP Datasheet PDF - fujitsu semiconductor

Part # MB88141AP
Download  MB88141AP Click to download

File Size   279.06 Kbytes
Page   22 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (Compatible with I2C Bus)

MB88141AP Datasheet (HTML) - fujitsu semiconductor


MB88141AP Product details

■ DESCRIPTION

The FUJITSU MB88141A is an 8-bit D/A converter with 12 built−in channels.

The 12 analog output channels have built-in OP Amps, providing large current drive capability.

Data input is compatible with I2C specifications, and is controlled by two control lines.

The built-in I/O expander function allows the MB88141A to be controlled by devices incompatible with I2C bus specifications (provides conversion between I2C serial and 8- or 4-bit parallel I/O).

The MB88141A is ideal for replacing electronic knob or pre-set variable resistance tuning devices.



■ FEATURES

• Ultra-low power consumption (0.9 mW/channel Typ.)

• Ultra-compact package

• Built-in 12-channel R-2R type 8-bit D/A converter

• Built-in analog output amplifier (maximum sink current 1.0 mA, maximum source current 1.0 mA)

• Analog output range 0 V to VCC

• 5 V single power supply

• Power supply/GND for MCU interface and OP Amp is separate from power supply/GND for D/A converter

• Power supply for D/A converter is divided into two systems for VDDI/VSSI (AO1 to AO4) and VDD2/VSS2 (AO5 to AO12) , allowing separate level settings for each system

• Compatible with serial data input, I2C specifications

• Built-in I/O expander function (converts between I2C serial and 8-or 4-bit parallel)

• CMOS process

• Packages : DIP 24-pin, SOP 24-pin, SSOP 24-pin



 




Similar Part No. - MB88141AP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB88141 FUJITSU-MB88141 Datasheet
250Kb / 20P
D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88141P FUJITSU-MB88141P Datasheet
250Kb / 20P
D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88141PF FUJITSU-MB88141PF Datasheet
250Kb / 20P
D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88141PFV FUJITSU-MB88141PFV Datasheet
250Kb / 20P
D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
More results


Similar Description - MB88141AP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Sony Corporation
CXA1315M SONY-CXA1315M Datasheet
308Kb / 11P
8-bit D/A Converter Supporting with I2C Bus
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
8-bit D/A Converter Compatible with I2C Bus
logo
fujitsu semiconductor
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
D/A Converter for Digital Tuning
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
D/A Converter for Digital Tuning
logo
Renesas Technology Corp
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Renesas Technology Corp
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com