Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB88346LP Datasheet (PDF) - fujitsu semiconductor

MB88346LP Datasheet PDF - fujitsu semiconductor
Part # MB88346LP
Download  MB88346LP Download
File Size   207.87 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)

MB88346LP Datasheet (PDF)

Go To PDF Page Download Datasheet
MB88346LP Datasheet PDF - fujitsu semiconductor

Part # MB88346LP
Download  MB88346LP Click to download

File Size   207.87 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)

MB88346LP Datasheet (HTML) - fujitsu semiconductor


MB88346LP Product details

■ DESCRIPTION

The Fujitsu MB88346L is a 12-channel 8-bit D/A converter capable of low-voltage operation that has amplifiers built into each of the 12 analog output lines to deliver heavy-current drive capability.

The use of serial data input means that only three control lines are required, and enables cascade connection of multiple MB88346L chips.

The MB88346L is suitable for applications such as electronic volume controls and replacing trimmer potentiom eters in tuning systems. In addition, the MB88346L is both function-compatible and pin-compatible the currently used MB88346B, making it easy to reduce the voltage level of a system by simply replacing the MB88346B with the MB88346L.



■ FEATURES

• Low voltage operation (VCC/VDD : 2.7 V to 3.6 V)

• Ultra-low power consumption (0.5 mW/ch at VCC = 3 V)

• Ultra-compact space-saving package lineup (SSOP-20)

• Contains 12-channel R-2R type 8-bit D/A converter

• On-chip analog output amps (sink current max. 1.0 mA, source current max. 1.0 mA)

• Analog output range from 0 to VCC

• Two separate power supply/ground lines for MCU interface block/operational amplifier output buffer block and D/A converter block

• Serial data input : maximum operating speed 2.5 MHz (maximum operating speed in cascade connection is 1.5 MHz)

• CMOS process

• Package lineup includes DIP 20-pin, SSOP 20-pin



 




Similar Part No. - MB88346LP

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB88346L FUJI-MB88346L Datasheet
178Kb / 18P
D/A Converter for Digital Tuning
logo
fujitsu semiconductor
MB88346L FUJITSU-MB88346L Datasheet
193Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
More results


Similar Description - MB88346LP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
D/A Converter for Digital Tuning
MB88141 FUJITSU-MB88141 Datasheet
250Kb / 20P
D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
MB88347L FUJITSU-MB88347L Datasheet
169Kb / 16P
D/A Converter for Digital Tuning (8-channel, 8-bit, on-chip OP amp, low-voltage)
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
D/A Converter for Digital Tuning
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11_03 Datasheet
3Mb / 268P
8-channel, 8-bit analog-to-digital (A/D) converter
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
ams AG
AS1534 AMSCO-AS1534 Datasheet
351Kb / 2P
12-bit, 8-Channel, Low-Power, 200ksps A/D Converter
logo
fujitsu semiconductor
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com