Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB88347L Datasheet (PDF) - fujitsu semiconductor

MB88347L Datasheet PDF - fujitsu semiconductor
Part # MB88347L
Download  MB88347L Download
File Size   169.85 Kbytes
Page   16 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (8-channel, 8-bit, on-chip OP amp, low-voltage)

MB88347L Datasheet (PDF)

Go To PDF Page Download Datasheet
MB88347L Datasheet PDF - fujitsu semiconductor

Part # MB88347L
Download  MB88347L Click to download

File Size   169.85 Kbytes
Page   16 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description D/A Converter for Digital Tuning (8-channel, 8-bit, on-chip OP amp, low-voltage)

MB88347L Datasheet (HTML) - fujitsu semiconductor


MB88347L Product details

■ DESCRIPTION
The MB88347L incorporates eight 8-bit D/A converter modules. This device operates at low supply voltage in the performance guarantee range from 2.7 to 3.6 V. It also contains an output amplifier, allowing driving at large current.
Since the MB88347L inputs data in serial mode, it requires only three control lines for data input and two or more MB88347L units can be cascaded.
The MB88347L is function and pin compatible with the MB88347 (5-volt supply voltage model). The MB88347L can therefore easily replace the MB88347 in a system, thereby reducing the system’s voltage requirement.
The MB88347L is the best replacement for electronic variable resistors or screwdriver control resistors.

■ FEATURES
• Ultra-low power consumption (0.5 mW/ch: typical)
• Low voltage operation (VCC = 2.7 to 3.6 V)
• Ultra-compact space-saving package (SSOP-16)
• Contains 8-channel R-2R type 8-bit D/A converter
• On-chip analog output amps (sink current max. 1.0 mA, source current max. 1.0 mA)
• Analog output range from 0 V to VCC
• Two separate power supply/ground lines for MCU interface block/operational amplifier output buffer block and D/A converter block
• Serial data input, maximum operating speed 2.5 MHz
• CMOS process
• Package lineup includes DIP 16-pin, SOP 16-pin, SSOP 16-pin




Similar Part No. - MB88347L

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB88347 FUJITSU-MB88347 Datasheet
190Kb / 20P
R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88347P FUJITSU-MB88347P Datasheet
190Kb / 20P
R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88347PF FUJITSU-MB88347PF Datasheet
190Kb / 20P
R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88347PFV FUJITSU-MB88347PFV Datasheet
190Kb / 20P
R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
More results


Similar Description - MB88347L

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C218 FUJITSU-MB40C218 Datasheet
123Kb / 11P
30MHz 8-bit A/D Converter (With AMP)
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
D/A Converter for Digital Tuning
MB88141 FUJITSU-MB88141 Datasheet
250Kb / 20P
D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
MB88346L FUJITSU-MB88346L Datasheet
207Kb / 17P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
D/A Converter for Digital Tuning
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11_03 Datasheet
3Mb / 268P
8-channel, 8-bit analog-to-digital (A/D) converter
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com