Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89997 Datasheet (PDF) - fujitsu semiconductor

MB89997 Datasheet PDF - fujitsu semiconductor
Part # MB89997
Download  MB89997 Download
File Size   551.97 Kbytes
Page   42 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89997 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89997 Datasheet PDF - fujitsu semiconductor

Part # MB89997
Download  MB89997 Click to download

File Size   551.97 Kbytes
Page   42 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89997 Datasheet (HTML) - fujitsu semiconductor


MB89997 Product details

■ OUTLINE
The MB89990 series microcontrollers contain various resources such as timers, external interrupts, and remotecontrol functions, as well as an F2MC*-8L CPU core for low-voltage and high-speed operations. These singlechip microcontrollers are suitable for small devices such as remote controllers incorporating compact packages.

■ FEATURES
• Minimum execution time: 0.95 µs at 4.2 MHz (VCC = 2.7 V)
• F2MC-8L family CPU core
• Two timers
    8/16-bit timer/counter
    20-bit timebase counter
• External interrupts
    Edge detection (Edge selection enabled): 3 channels
    Low-level interrupt (Wake-up function): 8 channels
• Internal remote-control transmission frequency generator
• Low-power consumption modes
    Stop mode (Almost no current consumption occurs because oscillation stops.)
    Sleep mode (The current consumption is about 1/3 of that during normal operation because the CPU stops.)
• Packages
    SOP-28 and SH-DIP-28




Similar Part No. - MB89997

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89997 FUJITSU-MB89997 Datasheet
511Kb / 42P
8-bit Proprietary Microcontroller
MB89997P-SH FUJITSU-MB89997P-SH Datasheet
511Kb / 42P
8-bit Proprietary Microcontroller
MB89997PF FUJITSU-MB89997PF Datasheet
511Kb / 42P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89997

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com