Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89997 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89997
Description  8-bit Proprietary Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89997 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89997 Datasheet HTML 4Page - fujitsu semiconductor MB89997 Datasheet HTML 5Page - fujitsu semiconductor MB89997 Datasheet HTML 6Page - fujitsu semiconductor MB89997 Datasheet HTML 7Page - fujitsu semiconductor MB89997 Datasheet HTML 8Page - fujitsu semiconductor MB89997 Datasheet HTML 9Page - fujitsu semiconductor MB89997 Datasheet HTML 10Page - fujitsu semiconductor MB89997 Datasheet HTML 11Page - fujitsu semiconductor MB89997 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
MB89990 Series
(Continued)
*1: FPT-28P-M17
*2: DIP-28P-M03
*3: MQP-48C-P01
Pin no.
Pin name
Circuit type
Function
SOP*1,
SH-DIP*2
MQFP*3
10
33
P37//RCO
E
General-purpose I/O port
Also serves as remote-control output pin.
18 to 21
6 to 9
P40 to P43
F
N-ch open-drain I/O ports
23
11
P45
F
N-ch open-drain type I/O port
22
10
P44
F
N-ch open-drain type I/O port
28
18
VCC
—
Power supply pin
942
VSS
—
Power supply (GND) pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com