Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89997 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB89997
Description  8-bit Proprietary Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89997 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB89997 Datasheet HTML 14Page - fujitsu semiconductor MB89997 Datasheet HTML 15Page - fujitsu semiconductor MB89997 Datasheet HTML 16Page - fujitsu semiconductor MB89997 Datasheet HTML 17Page - fujitsu semiconductor MB89997 Datasheet HTML 18Page - fujitsu semiconductor MB89997 Datasheet HTML 19Page - fujitsu semiconductor MB89997 Datasheet HTML 20Page - fujitsu semiconductor MB89997 Datasheet HTML 21Page - fujitsu semiconductor MB89997 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
18
MB89990 Series
2. Registers
The F2MC-8L family has two types of registers; dedicated registers in the CPU and general-purpose registers
in the memory. The following dedicated registers are provided:
Program counter (PC):
A 16-bit-long register for indicating the instruction storage positions
Accumulator (A):
A 16-bit-long temporary register for storing arithmetic operations, etc. When the
instruction is an 8-bit data processing instruction, the lower byte is used.
Temporary accumulator (T):
A 16-bit-long register which performs arithmetic operations with the accumulator.
When the instruction is an 18-bit data processing instruction, the lower byte is
used.
Index register (IX):
A 16-bit-long register for index modification
Extra pointer (EP) :
A 16-bit-long pointer for indicating a memory address
Stack pointer (SP) :
A 16-bit-long register for indicating a stack area
Program status (PS) :
A 16-bit-long register for storing a register pointer, a condition code
The PS can further be divided into higher 8 bits for use as a register bank pointer (RP) and the lower 8 bits for
use as a condition code register (CCR) (see the diagram below).
PC
A
T
IX
EP
SP
PS
16 bits
: Program counter
: Accumulator
: Temporary accumulator
: Index register
: Extra pointer
: Stack pointer
: Program status
FFFDH
Indeterminate
Indeterminate
Indeterminate
Indeterminate
Indeterminate
I-flag = 0, IL1, 0 = 11
The other bit values are indeterminate.
Initial value
• Structure of the Program Status Register
Vacancy
H
I
IL1, 0
N
Z
VC
54
RP
PS
10
9876
3210
15
14
13
12
11
RP
CCR
Vacancy Vacancy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com