Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89997 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB89997
Description  8-bit Proprietary Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89997 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB89997 Datasheet HTML 17Page - fujitsu semiconductor MB89997 Datasheet HTML 18Page - fujitsu semiconductor MB89997 Datasheet HTML 19Page - fujitsu semiconductor MB89997 Datasheet HTML 20Page - fujitsu semiconductor MB89997 Datasheet HTML 21Page - fujitsu semiconductor MB89997 Datasheet HTML 22Page - fujitsu semiconductor MB89997 Datasheet HTML 23Page - fujitsu semiconductor MB89997 Datasheet HTML 24Page - fujitsu semiconductor MB89997 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
MB89990 Series
s I/O MAP
Note: Do not use vacancies.
Address
Read/write
Register name
Register description
00H
(R/W)
PDR0
Port 0 data register
01H
(W)
DDR0
Port 0 data direction register
02H to 07H
Vacancy
08H
(R/W)
STBC
Standby control register
09H
(R/W)
WDTC
Watchdog timer control register
0AH
(R/W)
TBTC
Timebase timer control register
0BH
Vacancy
0CH
(R/W)
PDR3
Port 3 data register
0DH
(W)
DDR3
Port 3 data direction register
0EH
(R/W)
PDR4
Port 4 data register
0FH to 13H
Vacancy
14H
(R/W)
RCR1
Remote-control register 1
15H
(R/W)
RCR2
Remote-control register 2
16H
Vacancy
17H
Vacancy
18H
(R/W)
T2CR
Timer 2 control register
19H
(R/W)
T1CR
Timer 1 control register
1AH
(R/W)
T2DR
Timer 2 data register
1BH
(R/W)
T1DR
Timer 1 data register
1CH to 22H
Vacancy
23H
(R/W)
EIC1
External interrupt control register 1
24H
(R/W)
EIC2
External interrupt control register 2
25H to 31H
Vacancy
32H
(R/W)
EIE2
External interrupt 2 enable register
33H
(R/W)
EIF2
External interrupt 2 flag register
34H to 7BH
Vacancy
7CH
(W)
ILR1
Interrupt level register 1
7DH
(W)
ILR2
Interrupt level register 2
7EH
(W)
ILR3
Interrupt level register 3
7FH
Vacancy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com