Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13008 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MJE13008 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MJE13008
Download  MJE13008 Download
File Size   93.56 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWJTCHMODE SERIES NPN POWER TRANSISTORS

MJE13008 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13008 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MJE13008
Download  MJE13008 Click to download

File Size   93.56 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWJTCHMODE SERIES NPN POWER TRANSISTORS

MJE13008 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MJE13008 Product details

SWITCHMODE SERIES NPN POWER TRANSISTORS

... designed for use in high-voltage, high-speed, power switching in inductive circuit, Ihey are particularly suited for 11 5 and 220V swttchmode applications such as switching regulators inverters. DC-DC conveter.Motor Controls, Solenoid drive and Deflection circuits.

FEATURES:
* Collector-Emitter Sustaining Voltage-
   VCEO(sus) = 400V and 300V
* Collector-Emitter Saturation Voltage -
   VCE(sat) = 3.0V (Max) @ Ic = 12A, IB =3.0A
* Switching Time - tf, = 0.7 us(Max.) ®.Ic =8.0A
* SOAand Switching Aplicatfon Information.




Similar Part No. - MJE13008

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13008 MOSPEC-MJE13008 Datasheet
179Kb / 4P
POWER TRANSISTORS(12A,300-400V,100W)
logo
Central Semiconductor C...
MJE13008 CENTRAL-MJE13008 Datasheet
330Kb / 3P
SILICON NPN TRANSISTORS
More results


Similar Description - MJE13008

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6738 BOCA-2N6738 Datasheet
153Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
BUX84 BOCA-BUX84 Datasheet
109Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
NPN power transistors
10-Jul-2007
logo
Unisonic Technologies
2SC4242 UTC-2SC4242 Datasheet
145Kb / 4P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2SC2625 NJSEMI-2SC2625_13 Datasheet
83Kb / 2P
SVMTCHMODE SERIES NPN POWER TRANSISTORS
MJE13004 NJSEMI-MJE13004 Datasheet
121Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
2SC2335 NJSEMI-2SC2335 Datasheet
83Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
2SC4242 UTC-2SC4242_15 Datasheet
145Kb / 4P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Mospec Semiconductor
2SC2335 MOSPEC-2SC2335 Datasheet
135Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com