Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGP30A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

EGP30A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # EGP30A
Download  EGP30A Download
File Size   99.54 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 3 Amp. Glass Passivated Avalanche Ultrafast Recovery Eectifiet

EGP30A Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP30A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # EGP30A
Download  EGP30A Click to download

File Size   99.54 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 3 Amp. Glass Passivated Avalanche Ultrafast Recovery Eectifiet

EGP30A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


EGP30A Product details

Voltage 50 to 600V

Current 3 A at 55 °C.



• Glass Passivated Junction

• High current capability

• Theplastic material carries U/L recognition 94 V-0

• Terminals: Axial Leads

• Polarity:Color band denotes cathode



 




Similar Part No. - EGP30A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
General Semiconductor
EGP30A GE-EGP30A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Micro Commercial Compon...
EGP30A MCC-EGP30A Datasheet
82Kb / 3P
3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
logo
List of Unclassifed Man...
EGP30A ETC-EGP30A Datasheet
38Kb / 2P
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
logo
Taiwan Semiconductor Co...
EGP30A TSC-EGP30A Datasheet
73Kb / 2P
3.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
More results


Similar Description - EGP30A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31DF2 ETC-31DF2 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
EGP10A ETC-EGP10A Datasheet
38Kb / 2P
1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
EGP30A ETC-EGP30A Datasheet
38Kb / 2P
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
EGP50A ETC-EGP50A Datasheet
39Kb / 2P
5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
FUF4001 ETC-FUF4001 Datasheet
37Kb / 2P
1 Amp. Glass Passivated Ultrafast Recovery Rectifier
FUF5400 ETC-FUF5400 Datasheet
38Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
FES3A ETC-FES3A Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FES2A ETC1-FES2A Datasheet
51Kb / 2P
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FESIA ETC-FESIA Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
Shenzhen Taychipst Elec...
FUF4001 TAYCHIPST-FUF4001 Datasheet
2Mb / 2P
Glass Passivated Ultrafast Recovery Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com