Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGP10A Datasheet (PDF) - List of Unclassifed Manufacturers

EGP10A Datasheet PDF - List of Unclassifed Manufacturers
Part # EGP10A
Download  EGP10A Download
File Size   38.56 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier

EGP10A Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP10A Datasheet PDF - List of Unclassifed Manufacturers

Part # EGP10A
Download  EGP10A Click to download

File Size   38.56 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier

EGP10A Datasheet (HTML) - List of Unclassifed Manufacturers


EGP10A Product details

[Diode Semiconductor Korea]



VOLTAGE RANGE: 50 --- 400 V

CURRENT: 1.0 A



FEATURES

◇ Low cost

◇ Diffused junction

◇ Low leakage

◇ Low forward voltage

◇ Easily cleaned with alcohol,Isopropanol and similar solvents

◇ High current capability

◇ The plastic material carries U/L recognition 94V-0



 




Similar Part No. - EGP10A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Fairchild Semiconductor
EGP10A FAIRCHILD-EGP10A Datasheet
36Kb / 3P
1.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
General Semiconductor
EGP10A GE-EGP10A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Micro Commercial Compon...
EGP10A MCC-EGP10A Datasheet
91Kb / 3P
1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
logo
Taiwan Semiconductor Co...
EGP10A TSC-EGP10A Datasheet
73Kb / 2P
1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
More results


Similar Description - EGP10A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31DF2 ETC-31DF2 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
EGP30A ETC-EGP30A Datasheet
38Kb / 2P
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
EGP50A ETC-EGP50A Datasheet
39Kb / 2P
5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
FUF4001 ETC-FUF4001 Datasheet
37Kb / 2P
1 Amp. Glass Passivated Ultrafast Recovery Rectifier
FUF5400 ETC-FUF5400 Datasheet
38Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
RGP08A ETC1-RGP08A Datasheet
40Kb / 2P
1 Amp. Glass Passivated Fast Recovery Rectifier
FESIA ETC-FESIA Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
Shanghai Lunsure Electr...
1N4937GP CHENYI-1N4937GP Datasheet
144Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier
logo
Shenzhen Taychipst Elec...
FUF4001 TAYCHIPST-FUF4001 Datasheet
2Mb / 2P
Glass Passivated Ultrafast Recovery Rectifier
logo
New Jersey Semi-Conduct...
EGP30A NJSEMI-EGP30A Datasheet
99Kb / 2P
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Eectifiet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com