Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF450A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF450A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF450A
Download  MRF450A Download
File Size   90.37 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description The RF Line

MRF450A Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF450A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF450A
Download  MRF450A Click to download

File Size   90.37 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description The RF Line

MRF450A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF450A Product details

The RF Line
NPN SILICON RF POWER TRANSISTORS

. . . designed for power amplifier applications in industrial, commercial and amateur radio equipment to 30 MHz.

• Specified 12.5 Volt, 30 MHz Characteristics -
   Output Power = 50 Watts
   Minimum Gain = 1 1 dB
   Efficiency = 50%




Similar Part No. - MRF450A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF450A MOTOROLA-MRF450A Datasheet
269Kb / 2P
THE RF LINE
logo
Advanced Semiconductor
MRF450A ASI-MRF450A Datasheet
33Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF450A NJSEMI-MRF450A Datasheet
90Kb / 2P
The RF Line
More results


Similar Description - MRF450A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF331 MOTOROLA-MRF331 Datasheet
149Kb / 4P
The RF Line
MRF450 MOTOROLA-MRF450 Datasheet
269Kb / 2P
THE RF LINE
logo
New Jersey Semi-Conduct...
MRF486 NJSEMI-MRF486 Datasheet
101Kb / 2P
The RF Line
MRF497 NJSEMI-MRF497 Datasheet
92Kb / 2P
The RF Line
MRF492 NJSEMI-MRF492 Datasheet
91Kb / 2P
The RF Line
MRF450 NJSEMI-MRF450 Datasheet
90Kb / 2P
The RF Line
MRF230 NJSEMI-MRF230 Datasheet
86Kb / 2P
The RF Line
MRF207 NJSEMI-MRF207 Datasheet
85Kb / 2P
The RF Line
MRF501 NJSEMI-MRF501 Datasheet
82Kb / 2P
The RF Line
BLY93A NJSEMI-BLY93A Datasheet
74Kb / 2P
The RF Line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com