Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5809 Datasheet (PDF) - Microsemi Corporation

1N5809 Datasheet PDF - Microsemi Corporation
Part # 1N5809
Download  1N5809 Download
File Size   131.92 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS

1N5809 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5809 Datasheet PDF - Microsemi Corporation

Part # 1N5809
Download  1N5809 Click to download

File Size   131.92 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS

1N5809 Datasheet (HTML) - Microsemi Corporation


1N5809 Product details

DESCRIPTION
This “Ultrafast Recovery” rectifier diode series is military qualified to MIL-PRF-19500/477 and is ideal for high-reliability applications where a failure cannot be tolerated. These industryrecognized 6.0 Amp rated rectifiers for working peak reverse voltages from 50 to 150 volts are hermetically sealed with voidless-glass construction using an internal “Category I” metallurgical bond. These devices are available in both leaded and surface mount MELF package configurations. Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including standard, fast and ultrafast device types in both through-hole and surface mount packages.

FEATURES
► Popular JEDEC registered 1N5807, 1N5809, 1N5811
► Voidless hermetically sealed glass package
► Extremely robust construction
► Internal “Category I” Metallurgical bonds
► JAN, JANTX, JANTXV, and JANS available per MIL-PRF-19500/477
► Surface mount versions available in a square end-cap MELF
   configuration with “US” suffix
  
APPLICATIONS / BENEFITS
► Ultrafast recovery 6 Amp rectifier series 50 to 150V
► Military Space and other high-reliability applications
► Switching power supplies or other applications requiring
   extremely fast switching & low forward loss
► High forward surge current capability
► Low thermal resistance
► Controlled avalanche with peak reverse power capability
► Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
59Kb / 2P
ULTRA FAST RECTIFIERS
1N5809 MICROSEMI-1N5809 Datasheet
133Kb / 3P
MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5809 SENSITRON-1N5809 Datasheet
42Kb / 2P
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5809 SEMTECH-1N5809 Datasheet
200Kb / 3P
RECTIFIER, up to 150V, 6A, 30ns
logo
EIC discrete Semiconduc...
1N5809 EIC-1N5809 Datasheet
98Kb / 2P
ULTRAFAST RECOVERY RECTIFIER DIODES
More results


Similar Description - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5614 MICROSEMI-1N5614_07 Datasheet
208Kb / 3P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5807CB MICROSEMI-1N5807CB Datasheet
215Kb / 3P
VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5807 MICROSEMI-1N5807_10 Datasheet
132Kb / 7P
VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N5802 MICROSEMI-1N5802_07 Datasheet
151Kb / 2P
VOIDLESS-HERMETICALLY-SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com