Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1D-1T Datasheet (PDF) - DB Lectro Inc

1D-1T Datasheet PDF - DB Lectro Inc
Part # 1D-1T
Download  1D-1T Download
File Size   772.9 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description 5Watt Contact Rate, 50V Switching capable

1D-1T Datasheet (PDF)

Go To PDF Page Download Datasheet
1D-1T Datasheet PDF - DB Lectro Inc

Part # 1D-1T
Download  1D-1T Click to download

File Size   772.9 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description 5Watt Contact Rate, 50V Switching capable

1D-1T Datasheet (HTML) - DB Lectro Inc




Similar Part No. - 1D-1T

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
1D-12G DBLECTRO-1D-12G Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-12J DBLECTRO-1D-12J Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-14G DBLECTRO-1D-14G Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-14G-60 DBLECTRO-1D-14G-60 Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-14J-60 DBLECTRO-1D-14J-60 Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
More results


Similar Description - 1D-1T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1824 SANYO-2SA1824 Datasheet
131Kb / 4P
50V/5A Switching Applications
2SA1825 SANYO-2SA1825 Datasheet
131Kb / 4P
50V/8A Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
50V/7A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
50V / 12A Switching Applications
Jan-2011, Rev. 0
FPF1048 ONSEMI-FPF1048 Datasheet
707Kb / 14P
3 A-Capable, Slew-Rate-Controlled Load Switch
April 2015 Rev. 1.8
logo
Panasonic Semiconductor
T-15 PANASONIC-T-15 Datasheet
1Mb / 21P
Snap Switches Capable of 15A Switching
logo
GAPTEC Electronic GmbH ...
5ACEW GAPTEC-5ACEW Datasheet
636Kb / 5P
5Watt - AC-DC converter
5ACFEW GAPTEC-5ACFEW Datasheet
672Kb / 6P
5Watt AC-DC converter
logo
Sanyo Semicon Device
2SB1143S SANYO-2SB1143S Datasheet
422Kb / 7P
50V/4A Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com