Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF607 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF607 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF607
Download  MRF607 Download
File Size   73.83 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description The RF Line

MRF607 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF607 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF607
Download  MRF607 Click to download

File Size   73.83 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description The RF Line

MRF607 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF607 Product details

The RF Line
NPN SILICON RF POWER TRANSISTOR

. . . designed for amplifier, frequency multiplier, or oscillator applications in military, mobile, marine and citizens band equipment. Suitable for use as output driver or pre-driver stages in VHP and UHF equipment.

• Specified 12.5 Volt, 175 MHz Characteristics -
    Output Power = 1.75 Watts
    Minimum Gain - 11.5dB
    Efficiency = 50%
• Characterized through 225 MHz




Similar Part No. - MRF607

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF607 MICROSEMI-MRF607 Datasheet
114Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF607 ADPOW-MRF607 Datasheet
157Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Similar Description - MRF607

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF331 MOTOROLA-MRF331 Datasheet
149Kb / 4P
The RF Line
MRF450 MOTOROLA-MRF450 Datasheet
269Kb / 2P
THE RF LINE
logo
New Jersey Semi-Conduct...
MRF486 NJSEMI-MRF486 Datasheet
101Kb / 2P
The RF Line
MRF497 NJSEMI-MRF497 Datasheet
92Kb / 2P
The RF Line
MRF492 NJSEMI-MRF492 Datasheet
91Kb / 2P
The RF Line
MRF455 NJSEMI-MRF455 Datasheet
90Kb / 2P
The RF Line
MRF450 NJSEMI-MRF450 Datasheet
90Kb / 2P
The RF Line
MRF230 NJSEMI-MRF230 Datasheet
86Kb / 2P
The RF Line
MRF207 NJSEMI-MRF207 Datasheet
85Kb / 2P
The RF Line
BLY93A NJSEMI-BLY93A Datasheet
74Kb / 2P
The RF Line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com