Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT1048A Datasheet (PDF) - Diodes Incorporated

FZT1048A Datasheet PDF - Diodes Incorporated
Part # FZT1048A
Download  FZT1048A Download
File Size   488.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223

FZT1048A Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT1048A Datasheet PDF - Diodes Incorporated

Part # FZT1048A
Download  FZT1048A Click to download

File Size   488.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223

FZT1048A Datasheet (HTML) - Diodes Incorporated


FZT1048A Product details

Features
• BVCEO > 17.5V
• BVCES > 50V
• IC = 5A High Continuous Collector Current
• ICM = 20A Peak Pulse Current
• Low Saturation Voltage VCE(sat) <45mV @ 500mA
• RSAT = 50mΩ @ 5A for a Low Equivalent On-Resistance
• hFE Specified up to 20A for a High Gain Hold-Up
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Solenoid, Relay and Actuator Drivers
• DC Modules
• Motor Control




Similar Part No. - FZT1048A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT1048A KEXIN-FZT1048A Datasheet
38Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT1048A DIODES-FZT1048A Datasheet
143Kb / 3P
NPN SILICON PLANAR MEDIUM POWER
FEBRUARY 1997
FZT1048A DIODES-FZT1048A Datasheet
676Kb / 7P
17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT1048ATA DIODES-FZT1048ATA Datasheet
676Kb / 7P
17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
More results


Similar Description - FZT1048A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT692BTA DIODES-FZT692BTA Datasheet
1Mb / 7P
70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 1
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 6
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 1
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
FZT692B DIODES-FZT692B_15 Datasheet
916Kb / 7P
70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 6
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 5
FZT1048A DIODES-FZT1048A_15 Datasheet
506Kb / 7P
17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 3
FZT1048A DIODES-FZT1048A_18 Datasheet
676Kb / 7P
17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT692BQ DIODES-FZT692BQ Datasheet
865Kb / 7P
70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
February 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com