Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100310 Datasheet (PDF) - E-SWITCH

K100310 Datasheet PDF - E-SWITCH
Part # K100310
Download  K100310 Download
File Size   185.52 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description DIELECTRIC STRENGTH: 1,500 V @SEA LEVEL

K100310 Datasheet (PDF)

Go To PDF Page Download Datasheet
K100310 Datasheet PDF - E-SWITCH

Part # K100310
Download  K100310 Click to download

File Size   185.52 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description DIELECTRIC STRENGTH: 1,500 V @SEA LEVEL

K100310 Datasheet (HTML) - E-SWITCH




Similar Part No. - K100310

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
Contact Resistance : 10m-OHMS
K100301 E-SWITCH-K100301 Datasheet
31Kb / 1P
Contact Resistance : 10m-OHMS
K100302 E-SWITCH-K100302 Datasheet
33Kb / 1P
Contact Resistance : 10m-OHMS
K100303 E-SWITCH-K100303 Datasheet
61Kb / 1P
Contact Resistance : 10m-OHMS
K100304 E-SWITCH-K100304 Datasheet
178Kb / 1P
Contact Resistance : 10m-OHMS
More results


Similar Description - K100310

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
KBP200-KBP210 BWTECH-KBP200-KBP210 Datasheet
331Kb / 4P
High case dielectric strength
logo
American Zettler, Inc.
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
Dielectric strength 5000 Vrms
AZ888 AZETTLER-AZ888 Datasheet
1Mb / 4P
Dielectric strength 3000 Vrms
AZ7335 AZETTLER-AZ7335 Datasheet
1Mb / 3P
Dielectric strength 5000 Vrms
AZ7555 AZETTLER-AZ7555 Datasheet
945Kb / 3P
Dielectric strength 5000 Vrms
logo
HY ELECTRONIC CORP.
D6KB6L HY-D6KB6L Datasheet
52Kb / 2P
High case dielectric strength
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
Exceptional dielectric strength
logo
ZETTLER Electronics
AZ576 ZETTLER-AZ576 Datasheet
50Kb / 2P
Dielectric strength 5000 Vrms
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
3kV dielectric strength
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
High case dielectric strength of 2500 V
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com