Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100310 Datasheet(PDF) 1 Page - E-SWITCH

Part # K100310
Description  DIELECTRIC STRENGTH: 1,500 V @SEA LEVEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

K100310 Datasheet(HTML) 1 Page - E-SWITCH

  K100310 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KO105C1001
3/28/2014
K100310
A
EBP
1
1
A
21417
INITIAL RELEASE
3/28/14
EBP
SWITCH FUNCTION
POS 1
POS 2
OFF
CIRCUT: SPDT
CONTACT CONFIGURATION
90~ INDEXING
POS 1
LEGEND
.
=
INDICATES KEY PULL POSSIBLE
ON
POS 2
n12.00
[.472 in]
10.70
[.421 in]
RECOMENDED PANEL CUTOUT
NOTES:
1. ALL DIMENSIONS IN MM[INCH]
2. GENERAL TOLERANCE: x.x= `0.4
x.xx= `0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 1A @125VAC, 0.5A @250VAC
5. CONTACT RESISTANCE: 20m
MAX.
6. DIELECTRIC STRENGTH: 1,500 V @SEA LEVEL
7. MATERIALS:
HOUSING: ZINC ALLOY W/CHROME PLATING
CYLINDER: ZINC ALLOY W/CHROME PLATING
TERMINAL AND CONTACTS: SILVER PLATED
KEYS (2) KEY CODE 1001: STEEL, NICKEL PLATING
8.
DENOTES CRITICAL PARAMETER.
9. 2002/95/EC (ROHS) COMPLIANT
KEYPULL POSSIBLE
IN POSITION 1 ONLY
23.00
[.906 in]
18.00
[.709 in]
15.00
[.591 in]
4.00
[.157 in]
8.5
[.33 in]
M12 X 1 THREAD
10.50
[.413 in]
n15.0
[.59 in]
4.80
[.189 in]


Similar Part No. - K100310

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
Contact Resistance : 10m-OHMS
K100301 E-SWITCH-K100301 Datasheet
31Kb / 1P
Contact Resistance : 10m-OHMS
K100302 E-SWITCH-K100302 Datasheet
33Kb / 1P
Contact Resistance : 10m-OHMS
K100303 E-SWITCH-K100303 Datasheet
61Kb / 1P
Contact Resistance : 10m-OHMS
K100304 E-SWITCH-K100304 Datasheet
178Kb / 1P
Contact Resistance : 10m-OHMS
More results

Similar Description - K100310

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
KBP200-KBP210 BWTECH-KBP200-KBP210 Datasheet
331Kb / 4P
High case dielectric strength
logo
American Zettler, Inc.
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
Dielectric strength 5000 Vrms
AZ888 AZETTLER-AZ888 Datasheet
1Mb / 4P
Dielectric strength 3000 Vrms
AZ7335 AZETTLER-AZ7335 Datasheet
1Mb / 3P
Dielectric strength 5000 Vrms
AZ7555 AZETTLER-AZ7555 Datasheet
945Kb / 3P
Dielectric strength 5000 Vrms
logo
HY ELECTRONIC CORP.
D6KB6L HY-D6KB6L Datasheet
52Kb / 2P
High case dielectric strength
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
Exceptional dielectric strength
logo
ZETTLER Electronics
AZ576 ZETTLER-AZ576 Datasheet
50Kb / 2P
Dielectric strength 5000 Vrms
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
3kV dielectric strength
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
High case dielectric strength of 2500 V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com