Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4777 Datasheet (PDF) - Hamamatsu Corporation

C4777 Datasheet PDF - Hamamatsu Corporation
Part # C4777
Download  C4777 Download
File Size   172.42 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description APD module

C4777 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4777 Datasheet PDF - Hamamatsu Corporation

Part # C4777
Download  C4777 Click to download

File Size   172.42 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description APD module

C4777 Datasheet (HTML) - Hamamatsu Corporation


C4777 Product details

APD module integrated with peripheral circuits

Features
● Uses high sensitivity APD
   Two types of APDs with different active areas
   (φ0.5 mm, φ3.0 mm) are provided.
● Choice of high sensitivity type and low-light-level detection type
   C4777 detects optical signals from 10 kHz to 100 MHz
   pulsed light and is suitable for spatial light transmission and
   rangefinder applications. C4777-01 provides a high
   photoelectric sensitivity of 1.25 × 109 V/W and low NEP of 2 fW/Hz1/2,
   making it excellent for fluorescence measurement and NOx
   monitors where low-light-level detection is essential.
● Built-in temperature control circuit
   An APD chip, thermoelectric cooler and thermosensor are
   sealed in the same package along with the temperature
   control circuit, to keep the APD chip temperature constant
   and ensure stable measurements.
● Simple operation
   Operates by just connecting to a DC power supply (+5 V, ±15 V).

Applications
C4777
● Spatial light transmission
● Optical communication
● Rangefinder

C4777-01
● Fluorescence measurement
● NOx monitor sensor
● Particle counters




Similar Part No. - C4777

ManufacturerPart #DatasheetDescription
logo
Powerbox
C4777 POWERBOX-C4777 Datasheet
528Kb / 2P
2500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Hamamatsu Corporation
C4777 HAMAMATSU-C4777 Datasheet
135Kb / 5P
APD module APD module integrated with peripheral circuits
C4777-01 HAMAMATSU-C4777-01 Datasheet
135Kb / 5P
APD module APD module integrated with peripheral circuits
C4777 HAMAMATSU-C4777_10 Datasheet
135Kb / 5P
APD module APD module integrated with peripheral circuits
More results


Similar Description - C4777

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
InGaAs APD MODULE FOR LONG WAVELENGTH BAND
logo
Ericsson
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
APD Receiver Module for 2.5 Gb/s
logo
Hamamatsu Corporation
C5460 HAMAMATSU-C5460 Datasheet
156Kb / 4P
APD module
C5658 HAMAMATSU-C5658 Datasheet
102Kb / 2P
APD module
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
Si APD ?1 mm quadrant APD
C4777 HAMAMATSU-C4777_10 Datasheet
135Kb / 5P
APD module APD module integrated with peripheral circuits
C12703 HAMAMATSU-C12703_15 Datasheet
407Kb / 5P
APD module integrated with peripheral circuits
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com