Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5460 Datasheet (PDF) - Hamamatsu Corporation

C5460 Datasheet PDF - Hamamatsu Corporation
Part # C5460
Download  C5460 Download
File Size   156.01 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description APD module

C5460 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5460 Datasheet PDF - Hamamatsu Corporation

Part # C5460
Download  C5460 Click to download

File Size   156.01 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description APD module

C5460 Datasheet (HTML) - Hamamatsu Corporation


C5460 Product details

APD module integrated with peripheral circuits



Features

Uses high sensitivity APD

  Two types of APDs with different active areas (φ1.5 mm, φ3.0 mm) are provided.

On-board high sensitivity circuit optimized for APD evaluation

  An APD and a low-noise current-to-voltage amplifier circuit are mounted on a compact PC board. The current-to-voltage amplifier circuit features a low-noise configuration allowing

low-light-level detection.

Detects optical signals from fixed light (DC light)

  C5460 detects optical signals from fixed light (DC light) to 10 MHz pulsed light making it well suited for bar code readers and film scanners. C5460-01 covers a narrower bandwidth from fixed light (DC light) to 100 kHz pulsed light, but provides an excellent NEP of 20 fW/Hz 1/2 in the room temperature, making it suitable for fluorescence measurement and particle counters where low-light-level detection is essential

Built-in temperature-compensated bias power supply

  The bias power supply is controlled with a thermosensor to keep the APD gain constant. Gain variations are typically held within ±2.5 % at an ambient temperature of 25 ±10 ˚C. Ripple noise

usually inherent to high-voltage power supplies is also minimized

Compact and lightweight

  The board is no larger than a typical business card.

Low price

Custom models with different dimensions and specifications are available



Applications

Evaluation of APD

Fluorescence measurement

Bar code readers

Particle counters

Film scanners




Similar Part No. - C5460

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5460 HAMAMATSU-C5460 Datasheet
223Kb / 4P
Operates an APD with single 5 V supply
logo
General Cable Technolog...
C5460 GENERAL-C5460 Datasheet
73Kb / 1P
2C 18 16/30 BC PVC PE Sound, Alarm & Security Cable
logo
Hamamatsu Corporation
C5460-01 HAMAMATSU-C5460-01 Datasheet
223Kb / 4P
Operates an APD with single 5 V supply
More results


Similar Description - C5460

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
InGaAs APD MODULE FOR LONG WAVELENGTH BAND
logo
Ericsson
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
APD Receiver Module for 2.5 Gb/s
logo
Hamamatsu Corporation
C4777 HAMAMATSU-C4777 Datasheet
172Kb / 4P
APD module
C5658 HAMAMATSU-C5658 Datasheet
102Kb / 2P
APD module
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
Si APD ?1 mm quadrant APD
C4777 HAMAMATSU-C4777_10 Datasheet
135Kb / 5P
APD module APD module integrated with peripheral circuits
C12703 HAMAMATSU-C12703_15 Datasheet
407Kb / 5P
APD module integrated with peripheral circuits
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com