Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4890 Datasheet (PDF) - Hamamatsu Corporation

C4890 Datasheet PDF - Hamamatsu Corporation
Part # C4890
Download  C4890 Download
File Size   137.53 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Pin photodiode amplifier

C4890 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4890 Datasheet PDF - Hamamatsu Corporation

Part # C4890
Download  C4890 Click to download

File Size   137.53 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Pin photodiode amplifier

C4890 Datasheet (HTML) - Hamamatsu Corporation


C4890 Product details

Wide bandwidth amplifier (1.5 GHz, 20 dB)



C4890 wide-band amplifier, when connected to a high-speed PIN photodiode (S5791, S5972, S5973, etc.) converts optical signals at a maximum of 1.5 GHz into voltage outputs with exceptionally low distortion and 20 dB gain.

C4890 can also be combined with other types of PIN photodiodes and APDs (avalanche photodiodes) to serve as a high-frequency amplifier for optical measurements in a wide range of fields including industry and research applications.



Features

• Wide bandwidth, high gain, flat gain spectrum

• Flat, low group delay characteristics and low noise

• Input/output impedance: 50 Ω

• Small size, light weight, low price

• Single power supply operation (+12 V)



Applications

• High frequency amplifier for measurement

• PIN photodiode evaluation



 




Similar Part No. - C4890

ManufacturerPart #DatasheetDescription
logo
Cinch Connectivity Solu...
C48 CINCH-C48 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
logo
Red Lion Controls. Inc
C48 REDLION-C48 Datasheet
2Mb / 8P
Award-winning solutions from the number one brand in the industry
logo
Cinch Connectivity Solu...
C48-00R1055P10100 CINCH-C48-00R1055P10100 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
C48-00R1055P10102 CINCH-C48-00R1055P10102 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
C48-00R1055P10105 CINCH-C48-00R1055P10105 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
More results


Similar Description - C4890

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNA3602L PANASONIC-PNA3602L Datasheet
41Kb / 2P
PIN Photodiode
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
PIN Photodiode
PNZ330CL PANASONIC-PNZ330CL Datasheet
81Kb / 3P
PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
PIN Photodiode
logo
Unity Opto Technology
MID-A841G UOT-MID-A841G Datasheet
30Kb / 2P
PIN PHOTODIODE
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
PIN Photodiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
PIN Photodiode
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com