Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4890 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C4890
Description  Pin photodiode amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4890 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C4890 Datasheet HTML 1Page - Hamamatsu Corporation C4890 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIN photodiode amplifier
C4890
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Cat. No. KACC1055E01
Apr. 2001 DN
FREQUENCY (GHz)
0
0.5
1.0
1.5
0
10
20
30
2.0
s Gain vs. frequency
+12
+12
10 k
0.1 µ
R1
R3
R2
SMA
SMA
Vout
C4890
ATTENUATOR
PHOTODIODE
Damp quantity
(dB)
Resistance value according to the attenuator damp quantity
Damp rate
(%)
R1, R2
(
Ω)
R3
(
Ω)
00
0
50
3
30
8.2
150
650
16
68
10
70
27
36
KACCB0038EA
30
20
40
7
7
(2 ×) SMA JACK
WIDEBAND AMPLIFIER
C4890
No.
Vcc=12V
GND
(4 ×) M3 (d-5)
s Application example: High-speed O/E converter module
A high-sensitivity O/E converter can be easily configured by
using C4890 in conjunction with a high-speed PIN photodiode
(S5973, etc). The following is an example when C4890 is used
with S5973 to amplify the output signal after receiving an
attenuator. Major performance items are shown below.
Effective bandwidth: 5 MHz to 1.5 GHz
The lower limit is determined by the amplifier (C4890)
and the upper limit by the photodiode.
Conversion sensitivity (V/W) = 0.5 A/W × 50 × (100 -
α)/100 × 10 (λ=850 nm)
Detection limit: 4.4 µWrms (
λ=850 nm, BW=1.5 GHz)
Depends on the amplifier NF (NF=8 dB Typ.).
The above specifications are typical values and not guaranteed.
C4890 gain
Attenuator damp rate
Attenuator input impedance
Photodiode photoelectric sensitivity
FREQUENCY (GHz)
0
0.5
1.0
1.5
0
1
2
2.0
s Group delay time vs. frequency
KACCB0039EA
s Dimensional outline (unit: mm)
KACCA0034EA
s Connection example
KPINC0003EB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com