Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8340 Datasheet (PDF) - Hamamatsu Corporation

G8340 Datasheet PDF - Hamamatsu Corporation
Part # G8340
Download  G8340 Download
File Size   101.49 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G8340 Datasheet (PDF)

Go To PDF Page Download Datasheet
G8340 Datasheet PDF - Hamamatsu Corporation

Part # G8340
Download  G8340 Click to download

File Size   101.49 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G8340 Datasheet (HTML) - Hamamatsu Corporation


G8340 Product details

InGaAs PIN photodiode with preamp
Pigtail type, 1.3/1.55 µm, 156, 622 Mbps/1.25, 2.5 Gbps

G8340/G8343/G8211/G8797 series are high-speed receivers specifically developed for 1.3/1.55 µm band optical fiber communications.
These devices incorporate a high-speed, high-sensitivity InGaAs PIN photodiode and a high-speed preamp integrated in a pigtail module. Packages are available with various connectors and mounting styles

Features
● Wide dynamic range
    G8340 series (156 Mbps) : -37 to -5 dBm
    G8343 series (622 Mbps) : -32 to -5 dBm
    G8211 series (1.25 Gbps) : -25 to -1 dBm
    G8797 series (2.5 Gbps) : -22 to +1 dBm
● Integrated with trans-impedance amplifier
● Supply voltage
    G8340/G8343 series: 3.3 V
    G8211/G8797 series: 3.3 V, 5 V
● Differential output

Applications
● Optical fiber communications
● Fiber channel
● Gigabit Ethernet
● HDTV
● SDH




Similar Part No. - G8340

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8341 HAMAMATSU-G8341 Datasheet
108Kb / 2P
InGaAs PIN photodiode with preamp
G8341-02 HAMAMATSU-G8341-02 Datasheet
108Kb / 2P
InGaAs PIN photodiode with preamp
G8342-21 HAMAMATSU-G8342-21 Datasheet
118Kb / 2P
InGaAs PIN photodiode with preamp
G8342-22 HAMAMATSU-G8342-22 Datasheet
118Kb / 2P
InGaAs PIN photodiode with preamp
G8342-23 HAMAMATSU-G8342-23 Datasheet
118Kb / 2P
InGaAs PIN photodiode with preamp
More results


Similar Description - G8340

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
InGaAs PIN photodiode with preamp
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
InGaAs PIN photodiode with preamp
G8925 HAMAMATSU-G8925 Datasheet
124Kb / 2P
InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
InGaAs PIN photodiode with preamp
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
InGaAs PIN photodiodes with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
InGaAs PIN photodiode with preamp
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com