Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8925 Datasheet (PDF) - Hamamatsu Corporation

G8925 Datasheet PDF - Hamamatsu Corporation
Part # G8925
Download  G8925 Download
File Size   124.75 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G8925 Datasheet (PDF)

Go To PDF Page Download Datasheet
G8925 Datasheet PDF - Hamamatsu Corporation

Part # G8925
Download  G8925 Click to download

File Size   124.75 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G8925 Datasheet (HTML) - Hamamatsu Corporation


G8925 Product details

InGaAs PIN photodiode with preamp

High-speed response: 10 Gbps, pigtail type

Features
● High-speed response: 10 Gbps
● Supply voltage: 5 V
● Wide dynamic range: -18 to 0 dBm
● Small size
● Fire resistant optical fiber

Applications
● Optical fiber communications
● SDH/SONET
● WDM




Similar Part No. - G8925

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8921-01 HAMAMATSU-G8921-01 Datasheet
115Kb / 2P
GaAs PIN photodiode array
G8921-01 HAMAMATSU-G8921-01 Datasheet
124Kb / 2P
GaAs PIN photodiode array
G8921-01 HAMAMATSU-G8921-01_04 Datasheet
124Kb / 2P
GaAs PIN photodiode array
More results


Similar Description - G8925

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8338 HAMAMATSU-G8338 Datasheet
108Kb / 2P
InGaAs PIN photodiode with preamp
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
InGaAs PIN photodiode with preamp
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
InGaAs PIN photodiodes with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
InGaAs PIN photodiode with preamp
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com