Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7726 Datasheet (PDF) - Hamamatsu Corporation

L7726 Datasheet PDF - Hamamatsu Corporation
Part # L7726
Download  L7726 Download
File Size   153.17 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Emitter/receiver for 156 Mbps POF communications

L7726 Datasheet (PDF)

Go To PDF Page Download Datasheet
L7726 Datasheet PDF - Hamamatsu Corporation

Part # L7726
Download  L7726 Click to download

File Size   153.17 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Emitter/receiver for 156 Mbps POF communications

L7726 Datasheet (HTML) - Hamamatsu Corporation


L7726 Product details

L7726 and S7726 are designed for high-speed POF (Plastic Optical Fiber) communications. Both devices are molded into miniature plastic packages with lenses, allowing easy and efficient coupling to a POF. S7727 uses a monolithic photo IC that ensures high resistance to external noise and high reliability, and provides P-ECL voltage conversion output.

Features
L7726
● Red LED for POF data link
● 650 nm emission suitable for POF communications
● High-speed response: fc=100 MHz Typ.
● High output power: Po= -1.5 dBm (IF=30 mA, φ1 mm, POF)

S7727
● Photo IC receiver for POF data link
● Monolithic structure immune from external noise
● Data rates from 4 Mbps to 156 Mbps
● P-ECL voltage conversion output
(Note: Unlike normal P-ECL output, S7727 output cannot be terminated with 50 W.)

Applications
● Plastic optical fiber communications (FA, office machine, home automation, LAN)
● Data transmission in locations subject to high electromagnetic noise




Similar Part No. - L7726

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7726 HAMAMATSU-L7726 Datasheet
61Kb / 2P
Red LED for optical link Emitter for 156 Mbps POF communications
L7726 HAMAMATSU-L7726_06 Datasheet
61Kb / 2P
Red LED for optical link Emitter for 156 Mbps POF communications
More results


Similar Description - L7726

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Hamamatsu Corporation
L7726 HAMAMATSU-L7726_06 Datasheet
61Kb / 2P
Red LED for optical link Emitter for 156 Mbps POF communications
L10063-01 HAMAMATSU-L10063-01 Datasheet
121Kb / 2P
Transmitter/Receiver photo IC for optical link For MOST automotive network, 50 Mbps band POF communications
S7727 HAMAMATSU-S7727 Datasheet
67Kb / 2P
Photo IC for optical link Receiver for 156 Mbps POF communications
logo
List of Unclassifed Man...
VL-EPMS-U1 ETC2-VL-EPMS-U1 Datasheet
739Kb / 2P
SUMIT-104 Serial Communications GPS Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1644Z AVAGO-AFBR-1644Z Datasheet
90Kb / 7P
DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-T524Z AVAGO-AFBR-T524Z Datasheet
257Kb / 7P
50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
logo
Broadcom Corporation.
AFBR-59SMI2Z BOARDCOM-AFBR-59SMI2Z Datasheet
589Kb / 8P
Fast Ethernet communications over POF
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135_08 Datasheet
504Kb / 11P
FM Communications Receiver
logo
PHOENIX CONTACT
POLPAP-1500-POF PHOENIX-POLPAP-1500-POF Datasheet
41Kb / 2P
Polishing paper for POF contacts
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com