Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6604 Datasheet (PDF) - Hamamatsu Corporation

L6604 Datasheet PDF - Hamamatsu Corporation
Part # L6604
Download  L6604 Download
File Size   160.25 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 60 W XENON FLASH LAMP SERIES

L6604 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6604 Datasheet PDF - Hamamatsu Corporation

Part # L6604
Download  L6604 Click to download

File Size   160.25 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 60 W XENON FLASH LAMP SERIES

L6604 Datasheet (HTML) - Hamamatsu Corporation


L6604 Product details

FEATURES
■ High Stability: Fluctuation (p-p) 3 % Max.
■ High Input Energy: 1 J (per one flash)
■ Long Life: 8 × 107 flashes Min.
■ Short Arc: 3 mm
■ Spectral Distribution: 190 nm to 2000 nm (Sapphire glass window type)
■ High Repetition Rate Meeting TV rate: 60 Hz
■ Short flash pulse-width (FWHM): 2.90 µs (at 2 µF, 1000 V)
■ Built-in Reflective Mirror/1.5 Times Brighter (L7684, L7685)

APPLICATIONS
■ Stroboscope for FA High Speed Image Processing
■ Industrial Stroboscope
■ Pollution Analysis




Similar Part No. - L6604

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6604 HAMAMATSU-L6604 Datasheet
160Kb / 4P
60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
More results


Similar Description - L6604

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684_06 Datasheet
160Kb / 4P
60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
logo
ams AG
AS3635 AMSCO-AS3635 Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
logo
Hamamatsu Corporation
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
LONG LIFE XENON LAMP SERIES
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
logo
Hamamatsu Corporation
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
COMPACT 2W XENON FLASH LAMP MODULES
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
PHOENIX CONTACT
2700101 PHOENIX-2700101 Datasheet
59Kb / 4P
Flashing beacon element, 24 V DC, red, Xenon flash tube
2700102 PHOENIX-2700102 Datasheet
59Kb / 4P
Flashing beacon element, 24 V DC, green, Xenon flash tube
2700103 PHOENIX-2700103 Datasheet
59Kb / 4P
Flashing beacon element, 24 V DC, yellow, Xenon flash tube
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com