Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3635 Datasheet (PDF) - ams AG

AS3635 Datasheet PDF - ams AG
Part # AS3635
Download  AS3635 Download
File Size   1538.5 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Xenon Flash Driver with 5V IGBT Control

AS3635 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3635 Datasheet PDF - ams AG

Part # AS3635
Download  AS3635 Click to download

File Size   1538.5 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Xenon Flash Driver with 5V IGBT Control

AS3635 Datasheet (HTML) - ams AG




Similar Part No. - AS3635

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
More results


Similar Description - AS3635

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684 Datasheet
160Kb / 4P
60 W XENON FLASH LAMP SERIES
logo
Allegro MicroSystems
A8732 ALLEGRO-A8732 Datasheet
552Kb / 20P
Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8735 ALLEGRO-A8735 Datasheet
478Kb / 16P
Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Monolithic Power System...
MP3351 MPS-MP3351 Datasheet
535Kb / 8P
60V, 2A Integrated Photo Flash Charger With IGBT Driver
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
logo
Allegro MicroSystems
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Hamamatsu Corporation
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
COMPACT 2W XENON FLASH LAMP MODULES
logo
Allegro MicroSystems
A8740 ALLEGRO-A8740 Datasheet
480Kb / 18P
Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
logo
Kinetic Technologies.
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com