Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3635 Datasheet(PDF) 3 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 3 Page - ams AG

  AS3635 Datasheet HTML 1Page - ams AG AS3635 Datasheet HTML 2Page - ams AG AS3635 Datasheet HTML 3Page - ams AG AS3635 Datasheet HTML 4Page - ams AG AS3635 Datasheet HTML 5Page - ams AG AS3635 Datasheet HTML 6Page - ams AG AS3635 Datasheet HTML 7Page - ams AG AS3635 Datasheet HTML 8Page - ams AG AS3635 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
2 - 20
AS3635
Datasheet - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments (Top Through View)
Pin Description
Table 1. Pin Description for AS3635
Pin Number
Pin Name
Description
A1
SW
Xenon DCDC converter switching node
A2
VBAT
Positive supply voltage input
A3
V5V
5V charge pump output
B1
CHARGE
Digital input pin, active high - enables charging of photoflash capacitor
B2
PGND
Power ground - connect to ground (GND)
B3
IGBT_GATE
IGBT gate control - internally level shifted to 5V (from pin V5V)
C1
FLASH
Digital input pin, active high - Enables flash (level shifted to IGBT_GATE)
C2
GND
Signal ground - connect to ground (GND)
C3
DONE
Digital open drain output, active low - indicates end of charging


 



 



 

 
!"#" $ %# &'()" " "
" *+
!"  % %* ", !""- " .  #
" "/0" 0 " !" *+
" )** 

 

 
1 
"20* "

  3"
4"
 3"
'  5
 

 

 

 0"
6 #" ,


  

 



 

AS3635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com