Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3635 Datasheet(PDF) 16 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 16 Page - ams AG

Back Button AS3635 Datasheet HTML 12Page - ams AG AS3635 Datasheet HTML 13Page - ams AG AS3635 Datasheet HTML 14Page - ams AG AS3635 Datasheet HTML 15Page - ams AG AS3635 Datasheet HTML 16Page - ams AG AS3635 Datasheet HTML 17Page - ams AG AS3635 Datasheet HTML 18Page - ams AG AS3635 Datasheet HTML 19Page - ams AG AS3635 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
15 - 20
AS3635
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
External Components
Transformers TCHARGE and TTRIG
Following transformers are recommend for the AS3635 (due to the OTP programming features see section Trimming
Procedure on page 12, the output voltage VFLASH can be programmed):
Always check if the voltage on the pin SW does never exceed the AS3635 maximum VSW (see Table 3 on page 4)
specification during charging.
IGBT
As the AS3635 has an internal charge pump included, 2.5V, 2.7V and 4V IGBT can be used without limit on the supply
VVBAT. The IGBT is used for two purposes:
1. Powering of the Xenon tube and generating together with the oscillation circuit consisting of
TTRIG, CTRIG,
RTRIG a sufficiently high trigger pulse to ignite the Xenon tube (about 3.5kV) - this is accomplished by a fast ris-
ing edge of the gate of the IGBT
2. Switching off the current through the Xenon tube at the end of the flash pulse to accurately control the light
emitted by the flash. To protect the IGBT the switching off falling edge voltage should be less than 400V/µs
(measured on the emitter of the IGBT)
Both requirements are achieved with the internal driving circuit of the AS3635. Internal OTP trimming allows to adopt
to different trigger coils and IGBTs.
Table 4. Recommended Transformers
Component
Part Number
N
L
Size (mm)
Manufacturer
TCHARGE
C3-T2.5R
10.2
6.7µH
3.4x3.4x2.5
Mitsumi Electric
www.mitsumi.co.jp
TTRN-3825H
10.2
7µH
3.8x3.8x2.5
Tokyo Coil
www.tokyo-coil.co.jp
TTRN-3822H
10.2
7µH
3.8x3.8x2.2
TTRN-5820H
10.2
8.87µH
5.8x5.8x2.0
TTRN-0520H
10.41
8.35µH
5.0x5.0x2.0
LDT4520T-01
10.2
10µH
4.7x4.5x2.0
TDK
www.tdk.com
ATB322515
10.2
7µH
3.2x2.5x1.55
(H is max)
TTRIG
BO-02
7.3x2.5(3.5)x2.2
Tokyo Coil
www.tokyo-coil.co.jp
Table 5. Recommended IGBTs
Component
Part Number
min. Drive Voltage
Size
Manufacturer
QIGBT
RJP4002ANS
2.5V
VSON-8
3 x 4.8mm
Renesas
www.renesas.com
RJP4003ANS
4.0V
RJP4006AGE
1
1. Add a series resistor of 68
Ω in the gate drive.
2.7V
2.85x3.05x1.1
mm (H is max.)
GT8G133
4.0V
TSSOP-8
3.3 x 6.4mm
Toshiba
www.semicon.toshiba.co.jp
TIG058E8
2
2. Add a series resistor of 47
Ω in the gate drive.
4.0V
ECH8
2.8 x 2.9mm
Sanyo
www.sanyo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com