Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3635 Datasheet(PDF) 13 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 13 Page - ams AG

Back Button AS3635 Datasheet HTML 9Page - ams AG AS3635 Datasheet HTML 10Page - ams AG AS3635 Datasheet HTML 11Page - ams AG AS3635 Datasheet HTML 12Page - ams AG AS3635 Datasheet HTML 13Page - ams AG AS3635 Datasheet HTML 14Page - ams AG AS3635 Datasheet HTML 15Page - ams AG AS3635 Datasheet HTML 16Page - ams AG AS3635 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
12 - 20
AS3635
Datasheet - D e t a i l e d D e s c r i p t i o n
Trimming Procedure
The final charging voltage on VFLASH can be trimmed in-circuit to cancel inaccuracies of VFLASH due to the transformer
and diode. The trimming procedure is performed as follows:
Figure 19. AS3635 trimming circuit
2
1. The production test equipment starts a charging cycle (CHARGE=1) and waits until DONE=0
2. The voltage on VFLASH is measured and a correction code is calculated
3. The trimmode control is unlocked using a special sequence
4. The one time programmable memory (OTP) is programmed with the above calculated code
5. The trimmode control can be disabled by fusing the OTP bit trimm_lock
See austriamicrosystems application note ‘AN3635_In-Production_Trimming’ for a detailed description of the trimming
setup and the trimming procedure.
2. The internal voltages (e.g. +3.4V/-2.8V/32.4V) are internally scaled to fit in the supply voltage range

 
 


 !
"
# $
$
%&
#
 '
"
(
)*

 !
'+ 
,
$-+ 
%& #
./
)
AS3635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com