Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3635 Datasheet(PDF) 20 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 20 Page - ams AG

Back Button AS3635 Datasheet HTML 13Page - ams AG AS3635 Datasheet HTML 14Page - ams AG AS3635 Datasheet HTML 15Page - ams AG AS3635 Datasheet HTML 16Page - ams AG AS3635 Datasheet HTML 17Page - ams AG AS3635 Datasheet HTML 18Page - ams AG AS3635 Datasheet HTML 19Page - ams AG AS3635 Datasheet HTML 20Page - ams AG AS3635 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
19 - 20
AS3635
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 9.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Note:
AS3635-ZWLT
AS3635-
B, E Version Code - see Table 9 - ‘Description’
Z
Temperature Range: -30ºC - 85ºC
WL
Package: Wafer Level Chip Scale Package (WL-CSP) 1.5x1.5mm
T
Delivery Form: Tape & Reel
Table 9. Ordering Information
Order Code
Marking
Description
Delivery Form
Package
AS3635B-
ZWLT
3635B
Xenon Flash Driver with 5V IGBT Control
ISW (charging current peak) = 900mA
RIGBT_ON = 50
Ω
IIGBT_SINK = 15mA
IIGBT_BOOST = 46mA
VTRIP trimmed by customer
Tape & Reel
9-pin WL-CSP
(1.5mm x 1.5mm)
RoHS compliant /
Green / Pb-Free
AS3635E-
ZWLT
3635E
Xenon Flash Driver with 5V IGBT Control
ISW (charging current peak) = 900mA
RIGBT_ON = 15
Ω
IIGBT_SINK = 60mA
IIGBT_BOOST = 46mA
VTRIP trimmed by customer
Tape & Reel
9-pin WL-CSP
(1.5mm x 1.5mm)
RoHS compliant /
Green / Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com