Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3635 Datasheet(PDF) 2 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 2 Page - ams AG

  AS3635 Datasheet HTML 1Page - ams AG AS3635 Datasheet HTML 2Page - ams AG AS3635 Datasheet HTML 3Page - ams AG AS3635 Datasheet HTML 4Page - ams AG AS3635 Datasheet HTML 5Page - ams AG AS3635 Datasheet HTML 6Page - ams AG AS3635 Datasheet HTML 7Page - ams AG AS3635 Datasheet HTML 8Page - ams AG AS3635 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AS3635
Xenon Flash Driver with 5V IGBT Control
www.austriamicrosystems.com/AS3635
1.4-8
1 - 20
(ptr)
Datasheet
1 General Description
The AS3635 is a highly integrated photoflash charger
with build in IGBT driver.
A build in 5V charge-pump guaranties constant IGBT
drive at any battery voltage. The build in timer turns off
the charge-pump 20 seconds after charging.
In circuit fuse trimming allows to set the voltage on the
photoflash capacitor to ±3% accuracy.
The AS3635 is available in a space-saving WL-CSP
package measuring only 1.5mm x 1.5mm and operates
over the -30ºC to +85ºC temperature range.
Warning: Lethal voltages are present on applications
using AS3635! Do not operate without train-
ing to handle high voltages.
Figure 1. Typical Operating Circuit
2 Key Features
Build in 5V charge-pump for IGBT gate drive
Photoflash voltage accuracy programmable to ±3%
(in circuit One Time Programmable - OTP)
Trip voltage accuracy ±1.5%
Small Size 1.5mm x 1.5mm x 0.6mm
PCB: No microvias need
Average input current < 320mA
Few external components
- No Schottky-Diode needed
- No output voltage divider needed
Reliable Flash on/off for IGBT timing.
Charge time < 4sec @ Vbat>2.7V, CFLASH =22µF
Charge complete indicator
Undervoltage lockout
Available in a tiny WL-CSP Package
3x3 balls 0.5mm pitch, 1.5x1.5mm package size
3 Applications
Xenon Flash driver for mobile phones, PDA and DSC

 
 

 !
"#$%
&'%
#("
#
  
)*+

#("
,-
#
(.
'
/#%
'
 #("
%'&'
)0!1
2

$$
34
$
--
#("
56-
07)0
*1*
#
+ 5
$
 "#$%
+
 "#$%
AS3635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com