Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3635 Datasheet(PDF) 14 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 14 Page - ams AG

Back Button AS3635 Datasheet HTML 10Page - ams AG AS3635 Datasheet HTML 11Page - ams AG AS3635 Datasheet HTML 12Page - ams AG AS3635 Datasheet HTML 13Page - ams AG AS3635 Datasheet HTML 14Page - ams AG AS3635 Datasheet HTML 15Page - ams AG AS3635 Datasheet HTML 16Page - ams AG AS3635 Datasheet HTML 17Page - ams AG AS3635 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
13 - 20
AS3635
Datasheet - D e t a i l e d D e s c r i p t i o n
IGBT Driver
The internal circuit of the IGBT driver is shown in Figure 20:
Figure 20. IGBT Driver circuit
The IGBT driver is enable once the charge pump is switched on and the voltage on pin V5V has reached 4V (to guar-
antee at least 4V driving signal for the IGBT).
The IGBT driver includes all required resistors and pulldowns to operate the IGBT without any external circuitry
3
. Do
not add any external pulldown resistor on pin IGBT_GATE.
3. Exception: If the Sanyo IGBT TIG058E8 is used, add a series resistor of 50
Ω for the gate drive. For Rene-
sas RJP4006AGE add a series resistor of 68
Ω.




 





!"#$%&'()
*
+#
, -  ./01" )2#++
0"#./3 4 ) 4 ++)56)4 )


783
AS3635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com