Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2949 Datasheet (PDF) - Hamamatsu Corporation

R2949 Datasheet PDF - Hamamatsu Corporation
Part # R2949
Download  R2949 Download
File Size   51.41 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTIPLIER TUBE

R2949 Datasheet (PDF)

Go To PDF Page Download Datasheet
R2949 Datasheet PDF - Hamamatsu Corporation

Part # R2949
Download  R2949 Click to download

File Size   51.41 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTIPLIER TUBE

R2949 Datasheet (HTML) - Hamamatsu Corporation


R2949 Product details

PHOTOMULTIPLIER TUBE

Modified R928, 8 mm × 6 mm Photocathode Size
Low Dark Counts, Extended Red Multialkali, High Sensitivity
For Photon Counting Applications

The R2949 is a 28mm (1-1/8 inch) diameter, 9-stage, side-on type photomultiplier tube having the same extended red multialkali photocathode as the R928. The R2949 features very low dark counts, extremely high quantum efficiency, high gain, good S/N ratio and wide spectral response from UV to near infrared.
The R2949 is well suited for use in various low-level photometries such as general single photon counting applications and fluorescence life time measurement. The R2949 is directly interchangeable with the R928.

FEATURES
● Low Dark Counts ....................................... 300 s-1 (at 25 °C)
● Low Dark Current ......... 2 nA (after 30 min storage in darkness)
● Wide Spectral Response ......................... 185 nm to 900 nm
● High Cathode Sensitivity
    Luminous .......................................................... 200 µA/lm
    Radiant at 400 nm .............................................. 68 mA/W

● High Anode Sensitivity (at 1000 V)
    Luminous .......................................................... 2000 A/lm
    Radiant at 400 nm ....................................... 6.8 × 105 A/W
● Low Drift and Hysteresis




Similar Part No. - R2949

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R2949 HAMAMATSU-R2949_06 Datasheet
166Kb / 4P
PHOTOMULTIPLIER TUBE
More results


Similar Description - R2949

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com