Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2949 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R2949
Description  PHOTOMULTIPLIER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2949 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R2949 Datasheet HTML 1Page - Hamamatsu Corporation R2949 Datasheet HTML 2Page - Hamamatsu Corporation R2949 Datasheet HTML 3Page - Hamamatsu Corporation R2949 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (Absolute Maximum Values at 25
°C)
Parameter
Value
Unit
Supply Voltage
Average Anode Current A
Ambient Temperature
Vdc
Vdc
mA
°C
1250
250
0.1
-80 to +50
Between Anode and Cathode
Between Anode and Last Dynode
PHOTOMULTIPLIER TUBE R2949
CHARACTERISTICS (at 25
°C)
Table 1: Voltage Distribution Ratio
Parameter
Min.
Unit
Cathode
Sensitivity
Anode
Sensitivity
Gain E
Anode Dark Counts F
Anode Dark Current F
ENI (Equivalent Noise Input) G
Time
Response E
Anode Current
Stability K
%
µA/lm
mA/W
mA/W
mA/W
mA/W
mA/W
—
µA/lm-b
A/lm
A/W
A/W
A/W
A/W
A/W
—
cps
cps
nA
W
ns
ns
%
%
—
140
—
—
—
—
—
0.1
—
1000
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Max.
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
500
—
25
—
—
—
—
—
Typ.
25.3
200
18
52
68
41
3.5
0.3
7.5
2000
1.8
× 105
5.2
× 105
6.8
× 105
4.1
× 105
3.5
× 104
1.0
× 107
300
3
2
1.2
× 10-16
2.2
22
0.1
1.0
Quantum
Efficiency
Luminous B
Radiant
Red/White Ratio C
with R-68 Filter
Blue D
Luminous E
Radiant
Anode Pulse
Rise Time H
Electron Transit Time J
Current Hysteresis
Voltage Hysteresis
at 255nm
at 194nm
at 254nm
at 400nm
at 633nm
at 852nm
at 194nm
at 254nm
at 400nm
at 633nm
at 852nm
at +25
°C
at -20
°C
NOTES
A: Averaged over any interval of 30 seconds maximum.
B: The light source is a tungsten filament lamp operated at
a distribution temperature of 2856K. Supply voltage is
100 volts between the cathode and all other electrodes
connected together as anode.
C: Red/white ratio is the quotient of the cathode current
measured using a red filter interposed between the light
source and the tube by the cathode current measured
with the filter removed under the same conditions as
Note B.
D: The value is cathode output current when a blue filter
(Corning CS 5-58 polished to 1/2 stock thickness) is
interposed between the light source and the tube under
the same conditions as Note B.
E: Measured with the same light source as Note B and with
the anode-to-cathode supply voltage and voltage
distribution ratio shown in Table 1.
F: Measured with the same supply voltage and the voltage
distribution ratio as Note E after 30 minute storage in
the darkness.
G: ENI is an indication of the photon limited signal-to-noise
ratio. It refers to the amount of light in watts to produce
a signal-to-noise ratio of unity in the output of a
photomultiplier tube.
where q = Electronic charge (1.60
× 10-19 coulomb)
ldb = Anode dark current (after 30 minute storage)
in darkness) in amperes
G = Gain
∆f = Bandwidth of the system in hertz. 1 hertz is
used.
S = Anode radiant sensitivity in amperes per watt
at the wavelength of peak response.
H: The rise time is the time for the output pulse to rise from
10% to 90% of the peak amplitude when the entire pho-
tocathode is illuminated by a delta function light pulse.
J: The electron transit time is the interval between the
arrival of delta function light pulse at the entrance
window of the tube and the time when the anode output
reaches the peak amplitude.
In measurement, the
whole photocathode is illuminated.
K. Hysteresis is temporary instability in anode current after
light and voltage are applied.
(1) Current Hysteresis
The tube is operated at 750 volts with an anode current of 1
microampere for 5 minutes. The light is then removed from
the tube for a minute. The tube is then re-illuminated at the
previous light level for a minute to measure the variation.
(2)Voltage Hysteresis
The tube is operated at 300 volts with an anode current of
0.1 microampere for 5 minutes. The light is then removed
from the tube and the supply voltage is quickly increased to
800 volts. After a minute, the supply voltage is reduced to
the previous value and the tube is re-illuminated for a
minute to measure the variation.
Supply Voltage= 1000Vdc
K: Cathode, Dy: Dynode, P: Anode
Electrodes
Distribution
Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
P
ENI =
2q•ldb•G•
∆f
S
Hysteresis =
× 100 (%)
Imax. - Imin.
Ij
Imin.
Ii
Imax.
05
6
7 (MINUTES)
TIME



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com