Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD4606A Datasheet (PDF) - NEC

LD4606A Datasheet PDF - NEC
Part # LD4606A
Download  LD4606A Download
File Size   51.48 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN

LD4606A Datasheet (PDF)

Go To PDF Page Download Datasheet
LD4606A Datasheet PDF - NEC

Part # LD4606A
Download  LD4606A Click to download

File Size   51.48 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN

LD4606A Datasheet (HTML) - NEC


LD4606A Product details

GENERAL DESCRIPTION
The NEC LD4606A is a five-cavity Klystron amplifier and ideal for use in the earth-to-satellite communications transmitter.
This is designed for operating at 380 W CW power levels in the frequency range of 27.50 to 29.10 GHz. The instantaneous bandwidth of minus one-decibel is at least 70 MHz over the entire 1.6 GHz range.
The tube is forced-air-cooled at the 380 W operation.
Furthermore, this is of rugged and reliable design offering long-life service.

FEATURES
1 High Efficiency
    The DC to RF conversion efficiency is typically 23 % by incorporating a 39 % depressed collector.
2 High Power Gain
    The power gain is typically 40 dB at the 380 W level, so the driving power is less than 50 mW.
3 Simple Cooling System
    The klystron is all forced air cooled with only one blower, so that the cooling systems are greatly simplified.
4 Permanent Magnet
    The klystron is permanent magnet focused, eliminating entirely the requirement for focusing power supplied and interlock circuits.
5 Rugged Construction
    The klystron is designed to be rugged.




Similar Part No. - LD4606A

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD46058AD LIGHTKEY-LD46058AD Datasheet
141Kb / 3P
4.60 inch 5x8 Dot Matrix LED Display
LD46058AG LIGHTKEY-LD46058AG Datasheet
141Kb / 3P
4.60 inch 5x8 Dot Matrix LED Display
LD46058AO LIGHTKEY-LD46058AO Datasheet
141Kb / 3P
4.60 inch 5x8 Dot Matrix LED Display
LD46058APG LIGHTKEY-LD46058APG Datasheet
141Kb / 3P
4.60 inch 5x8 Dot Matrix LED Display
LD46058AR LIGHTKEY-LD46058AR Datasheet
141Kb / 3P
4.60 inch 5x8 Dot Matrix LED Display
More results


Similar Description - LD4606A

ManufacturerPart #DatasheetDescription
logo
NEC
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com