Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7202 Datasheet (PDF) - NEC

LD7202 Datasheet PDF - NEC
Part # LD7202
Download  LD7202 Download
File Size   98.14 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN

LD7202 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7202 Datasheet PDF - NEC

Part # LD7202
Download  LD7202 Click to download

File Size   98.14 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN

LD7202 Datasheet (HTML) - NEC


LD7202 Product details

GENERAL DESCRIPTION
NEC LD7202 series of PPM-focused traveling wave tubes are designed for use as final amplifiers tube in the earth-to-satellite communications transmitter.
These are capable of delivering an output power of 600W over the range of 12.75 to 14.5 GHz and provide a high power gain of 52 dB at 600 W output power.
Furthermore, they are of rugged and reliable design offering long-life service. The LD7202 is fully compatible with TH3591B.

FEATURES
○ High Power Gain
    The power gain is typically 52 dB at 600 W level.
○ Simple Cooling System
    The tubes are forced-air-cooled, so that the cooling systems are greatly simplified.
○ PPM Focusing
    All the tubes are PPM (Periodic Permanent Magnet)-focused, eliminating entirely the focusing power supplies
    and interlock circuits.
○ Rugged Construction
    The tubes are designed to be rugged, therefore they are suitable for transportable systems.
○ Long Life and High Stability
    The tubes employ an advanced impregnated cathode with a low operating temperature for long life.
○ Microdischarge Free
    The tubes are carefully designed to be free from microdischarge in the electron gun for long term operation, therefore they are suitable for use in digital communication service.




Similar Part No. - LD7202

ManufacturerPart #DatasheetDescription
logo
NEC
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7213L NEC-LD7213L Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215C NEC-LD7215C Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215D NEC-LD7215D Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
More results


Similar Description - LD7202

ManufacturerPart #DatasheetDescription
logo
NEC
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7237 NEC-LD7237 Datasheet
62Kb / 8P
DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com