Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7237 Datasheet (PDF) - NEC

LD7237 Datasheet PDF - NEC
Part # LD7237
Download  LD7237 Download
File Size   62.6 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN

LD7237 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7237 Datasheet PDF - NEC

Part # LD7237
Download  LD7237 Click to download

File Size   62.6 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN

LD7237 Datasheet (HTML) - NEC


LD7237 Product details

GENERAL DESCRIPTION
NEC LD7237 is PPM-focused traveling wave tube designed for use as final amplifier in the earth-to-satellite communications transmitter.
This is capable of delivering an output power of 400 W over the range of 17.3 to 18.1 GHz and provides a high power gain of 53 dB at 400 W output power.
Furthermore, this is of rugged and reliable design offering long-life service. LD7237 is fully compatible with TH3694B.

FEATURES
○ High Power Gain
    The power gain is typically 53dB at 400 W level.
○ Simple Cooling System
    The tube is forced-air-cooled, so that the cooling systems are greatly simplified.
○ PPM Focusing
    The tube is PPM (Periodic Permanent Magnet)-focused, eliminating entirely the focusing power supplies and
    interlock circuits.
○ Rugged Construction
    The tube is designed to be rugged, therefore it is suitable for the transportable systems.
○ Long Life and High Stability
    The tube employs an advanced impregnated cathode with a low operating temperature for long life.
○ Microdischarge Free
    The tube is carefully designed to be free from microdischarge in the electron gun for long term operation, therefore it is suitable for digital communication service.




Similar Part No. - LD7237

ManufacturerPart #DatasheetDescription
logo
NEC
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
More results


Similar Description - LD7237

ManufacturerPart #DatasheetDescription
logo
NEC
LD4606A NEC-LD4606A Datasheet
51Kb / 4P
30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7202 NEC-LD7202 Datasheet
98Kb / 8P
14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com