Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7202 Datasheet(PDF) 2 Page - NEC

Part # LD7202
Description  14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7202 Datasheet(HTML) 2 Page - NEC

  LD7202 Datasheet HTML 1Page - NEC LD7202 Datasheet HTML 2Page - NEC LD7202 Datasheet HTML 3Page - NEC LD7202 Datasheet HTML 4Page - NEC LD7202 Datasheet HTML 5Page - NEC LD7202 Datasheet HTML 6Page - NEC LD7202 Datasheet HTML 7Page - NEC LD7202 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LD7202 SERIES
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency
LD7202, LD7202A, LD7202B ............................................. 14.0 to 14.5 GHz
LD7202L ............................................................................. 13.75 to 14.5 GHz
LD7202W ............................................................................ 12.75 to 13.25 GHz, 13.75 to 14.5 GHz
Output Power ............................................................................ 600 W
Heater Voltage ........................................................................... 6.3 V
Heater Current ........................................................................... 1.4 A
Type of Cathode ........................................................................ Indirectly heated, Impregnated
Cathode Warm-up Time ........................................................... 300 s
MECHANICAL
Dimensions ................................................................................ See Outline
Weight ........................................................................................ 6.0 kg approx.
Focusing .................................................................................... Periodic Permanent Magnet
Mounting Position .................................................................... Any
Electrical Connections .............................................................. See Outline Drawing
RF Connections
Input ................................................................................... SMA-Female
Output ................................................................................ Mates with UBR-120 Flange
Thermal Switch Connections ................................................... See Outline Drawing
Cooling ....................................................................................... Forced Air



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com